Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 141 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 141 Page - NEC

Back Button D17133CS Datasheet HTML 137Page - NEC D17133CS Datasheet HTML 138Page - NEC D17133CS Datasheet HTML 139Page - NEC D17133CS Datasheet HTML 140Page - NEC D17133CS Datasheet HTML 141Page - NEC D17133CS Datasheet HTML 142Page - NEC D17133CS Datasheet HTML 143Page - NEC D17133CS Datasheet HTML 144Page - NEC D17133CS Datasheet HTML 145Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
126
(b) When the count pulse is started from the low level (error: –1 to –1.5 counts)
In the example above, the identity signal is generated every 2 counts; however, only for the first count, the
identity signal is issued for 1.5 counts maximum and for 0.5 count minimum (error: –0.5 to –1.5 counts).
As the timer is in use even for generation of the oscillation stability wait time, the error margin above occurs
even to this oscillation stability wait time.
13.1.7 Reading Count Register Values
(1) Reading Counter values
The counter values of count register are read at the same time via DBF (data buffer) using the GET instruction.
The count register values of timer are assigned to peripheral address 02H.
Count register values of timer can be read into DBF by using the GET instruction. During execution of the
GET instruction, timer count register stops count operation and a count value is retained. When a count pulse
enters the timer in use during execution of the GET instruction, the count is retained.
After execution of the GET instruction, the count register increments by one and continues counting.
The scheme prevents miscounting as long as two or more count pulses are not input in one instruction cycle,
even when the GET instruction is executed during timer operation.
Counting start (TMEN = 1
←0)
Match signal output
2 counts
Match signal output
0.5 to 1count
Count pulse
Count register
0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com