Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 153 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 153 Page - NEC

Back Button D17133CS Datasheet HTML 149Page - NEC D17133CS Datasheet HTML 150Page - NEC D17133CS Datasheet HTML 151Page - NEC D17133CS Datasheet HTML 152Page - NEC D17133CS Datasheet HTML 153Page - NEC D17133CS Datasheet HTML 154Page - NEC D17133CS Datasheet HTML 155Page - NEC D17133CS Datasheet HTML 156Page - NEC D17133CS Datasheet HTML 157Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 289 page
background image
CHAPTER 13
PERIPHERAL HARDWARE
138
(2) 8-bit receive mode (SO pin: high impedance state)
When SIOHIZ=1, the P0D1/SO pin is placed in the high-impedance state. At this time, if "1" is written into
SIOTS to start supply of the serial clock, the serial interface operates only the receiving function.
Because the P0D1/SO pin is placed in the high-impedance state, it can be used as an input port (P0D1).
Figure 13-14. Timing of the 8-Bit Reception Mode
High impedance
123
4
5
6
7
8
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
SCK pin
SO pin
IRQSIO
SI pin
Transmission starts in synchronization with the SCK pin falling edge.
An instruction which writes 1 into SIOTS is executed.
(Transmission start indication)
Transmission
completion
Remark
DIn: Serial input data
(3) Operation stop mode
If the value in SIOTS (RF: address 1AH, bit 3) is 0, the serial interface enters operation stop mode. In this
mode, no serial transfer occurs.
In this mode, the shift register does not perform shifting and can be used as an ordinary 8-bit register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com