Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 30Page - Analog Devices ADV7330 Datasheet HTML 31Page - Analog Devices ADV7330 Datasheet HTML 32Page - Analog Devices ADV7330 Datasheet HTML 33Page - Analog Devices ADV7330 Datasheet HTML 34Page - Analog Devices ADV7330 Datasheet HTML 35Page - Analog Devices ADV7330 Datasheet HTML 36Page - Analog Devices ADV7330 Datasheet HTML 37Page - Analog Devices ADV7330 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
REV. B
–34–
ADV7330
FILTER SECTION
Table V shows an overview of the programmable filters available
on the ADV7330.
HD Sinc Filter
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Filter 27. HD Sinc Filter Enabled
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Figure 28. HD Sinc Filter Disabled
Table V. Selectable Filters of the ADV7330
Filter
Subaddress
SD Luma LPF NTSC
40h
SD Luma LPF PAL
40h
SD Luma Notch NTSC
40h
SD Luma Notch PAL
40h
SD Luma SSAF
40h
SD Luma CIF
40h
SD Luma QCIF
40h
SD Chroma 0.65 MHz
40h
SD Chroma 1.0 MHz
40h
SD Chroma 1.3 MHz
40h
SD Chroma 2.0 MHz
40h
SD Chroma 3.0 MHz
40h
SD Chroma CIF
40h
SD Chroma QCIF
40h
SD UV SSAF
42h
HD Chroma Input
13h
HD Sinc Filter
13h
HD Chroma SSAF
13h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com