Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 5Page - Analog Devices ADV7330 Datasheet HTML 6Page - Analog Devices ADV7330 Datasheet HTML 7Page - Analog Devices ADV7330 Datasheet HTML 8Page - Analog Devices ADV7330 Datasheet HTML 9Page - Analog Devices ADV7330 Datasheet HTML 10Page - Analog Devices ADV7330 Datasheet HTML 11Page - Analog Devices ADV7330 Datasheet HTML 12Page - Analog Devices ADV7330 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
REV. B
ADV7330
–9–
Y7–Y0
CLKIN
t9
t11
t14
t13
t10
t12
Cb
Y
Cr
YCb
Y
IN MASTER/SLAVE
MODE
IN SLAVE MODE
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
CONTROL
INPUTS
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 6. 8-Bit SD Pixel Input Mode (Input Mode 000)
Y7–Y0
CLKIN
t9
t11
t14
t13
t10
t12
C7–C0
Y0
Cb0
Y1
Cr0
Y2
Cb2
Y3
Cr2
IN MASTER/SLAVE
MODE
IN SLAVE MODE
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
CONTROL
INPUTS
HSYNC_O/P
VSYNC_O/P
BLANK_O/P
CONTROL
OUTPUTS
Figure 7. 16-Bit SD Pixel Input Mode (Input Mode 000)
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
Y7–Y0
Y0
Y1
Y2
Y3
C7–C0
Cb0
Cr0
Cr1
Cb1
B
A
A = 16 CLK CYCLES FOR 525p
A = 12 CLK CYCLES FOR 626p
A = 44 CLK CYCLES FOR 1080i @ 30Hz, 25Hz
A = 70 CLK CYCLES FOR 720p
AS RECOMMENDED BY STANDARD
B (MIN) = 122 CLK CYCLES FOR 525p
B (MIN) = 132 CLK CYCLES FOR 625p
B (MIN) = 236 CLK CYCLES FOR 1080i @ 30Hz, 25Hz
B (MIN) = 300 CLK CYCLES FOR 720p
Figure 8. HD 4:2:2 Input Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com