Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 28Page - Analog Devices ADV7330 Datasheet HTML 29Page - Analog Devices ADV7330 Datasheet HTML 30Page - Analog Devices ADV7330 Datasheet HTML 31Page - Analog Devices ADV7330 Datasheet HTML 32Page - Analog Devices ADV7330 Datasheet HTML 33Page - Analog Devices ADV7330 Datasheet HTML 34Page - Analog Devices ADV7330 Datasheet HTML 35Page - Analog Devices ADV7330 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
REV. B
–32–
ADV7330
LCC1
GLL
P17–P10
COMPOSITE VIDEO
e.g., VCR OR CABLE
CLKIN
RTC_SCR_TR
DAC A
DAC B
DAC C
Y7–Y0
RTC
LOW
H/L TRANSITION
COUNT START
128
TIME SLOT: 01
13
0
14 BITS
SUBCARRIER
PHASE
14
21
19
FSC PLL INCREMENT1
VALID
SAMPLE
INVALID
SAMPLE
8/LINE
LOCKED
CLOCK
6768
4 BITS
RESERVED
0
SEQUENCE
BIT2
RESET
BIT3
RESERVED
5 BITS
RESERVED
ADV7330
VIDEO
DECODER
ADV7183A
NOTES
1FSC PLL INCREMENT IS 22 BITS LONG, VALUE LOADED INTO ADV7330, FSC DSS REGISTER IS FSC PLL INCREMENTS BITS 21:0 PLUS
BITS 0:9 OF SUBCARRIER FREQUENCY REGISTERS. ALL ZEROS SHOULD BE WRITTEN TO THE SUBCARRIER FREQUENCY
REGISTERS OF THE ADV7330.
2SEQUENCE BIT.
PAL: 0 = LINE NORMAL, 1 = LINE INVERTED.
NTSC: 0 = NO CHANGE.
3RESET BIT. RESET ADV7330 DSS.
Figure 23. RTC Timing and Connections
XXXXXX
XXXXXX
OFF
DIGITAL TIMING SIGNALS SUPPRESSED
VALID VIDEO
TIMING ACTIVE
RESET
DIGITAL TIMING
DACs
A, B, C
PIXEL DATA
VALID
Figure 24.
RESET Timing Sequence
Reset Sequence
A reset is activated with a high-to-low transition on the
RESET pin
(Pin 33) according to the Timing Specifications. The ADV7330
will revert to the default output configuration.
Figure 24 illustrates the
RESET sequence timing.
SD VCR FF/RW Sync
[Subaddress 42h, Bit 5]
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW sync control bit can be used for
nonstandard input video, i.e., in fast forward or rewind modes.
In fast forward mode, the sync information at the start of a new
field in the incoming video usually occurs before the correct
number of lines/fields are reached. In rewind mode, this sync
signal usually occurs after the total number of lines/fields are
reached. Conventionally this means that the output video will
have corrupted field signals, one generated by the incoming video
and one generated when the internal lines/field counters reach
the end of a field.
When the VCR FF/RW sync control is enabled [Subaddress 42h,
Bit 5], the lines/field counters are updated according to the
incoming vsync signal, and the analog output matches the incoming
vsync signal.
This control is available in all slave timing modes except
Slave Mode 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com