Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 40 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 36Page - Analog Devices ADV7330 Datasheet HTML 37Page - Analog Devices ADV7330 Datasheet HTML 38Page - Analog Devices ADV7330 Datasheet HTML 39Page - Analog Devices ADV7330 Datasheet HTML 40Page - Analog Devices ADV7330 Datasheet HTML 41Page - Analog Devices ADV7330 Datasheet HTML 42Page - Analog Devices ADV7330 Datasheet HTML 43Page - Analog Devices ADV7330 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
REV. B
–40–
ADV7330
COLOR CONTROLS AND RGB MATRIX
HD Y Level, Cr Level, Cb Level
[Subaddress 16h–18h]
Three 8-bit wide registers at Addresses 16h, 17h, 18h are used to
program the output color of the internal HD test pattern genera-
tor, whether it is the lines of the cross hatch pattern or the uniform
field test pattern. They are not functional as color controls on
external pixel data input. For this purpose, the RGB matrix is used.
The standard used for the values for Y and the color difference
signals to obtain white, black, and the saturated primary and
complementary colors conforms to the ITU-R BT.601-4 standard.
Table VII shows sample color values to be programmed into the
color registers when output standard selection is set to EIA 770.2.
Table VII. Sample Color Values for EIA770.2 Output
Standard Selection
Sample
Color
Y Value
CR Value
CB Value
White
235 (EB)
128 (80)
128 (80)
Black
16 (10)
128(80)
128 (80)
Red
81 (51)
240 (F0)
90 (5A)
Green
145 (91)
34 (22)
54 (36)
Blue
41 (29)
110 (6E)
240 (F0)
Yellow
210 (D2)
146 (92)
16 (10)
Cyan
170 (AA)
16 (10)
166 (A6)
Magenta
106 (6A)
222 (DE)
202 (CA)
HD RGB Matrix
[Subaddress 03h–09h]
When the programmable RGB matrix is disabled [Address 02h,
Bit 3], the internal RGB matrix takes care of all YCrCb to YPrPb
or RGB scaling according to the input standard programmed
into the device.
When the programmable RGB matrix is enabled, the color
components are converted according to the 1080i standard
[SMPTE 274M]:
YR
G
B
CB
B Y
CR
R Y
'.
'
.
'
.
'
'[ . / (
.
)] ( '
' )
'[ . / (
.
)] ( '
' )
=+
+
=−
−
=−
−
0 2126
0 7152
0 0722
05
10 0722
05
10 2126
This is reflected in the preprogrammed values for GY = 138Bh,
GU = 93h, GV = 3B, BU = 248h, RV = 1F0.
If another input standard is used, the scale values for GY, GU,
GV, BU, and RV have to be adjusted according to this input
standard. The user must consider that the color component con-
version might use different scale values. For example, SMPTE
293M uses the following conversion:
YR
G
B
CB
B Y
CR
R Y
'.
'
.
'.
'
'[ . / (
.
)] ( '
' )
'[ . / (
.
)] ( '
' )
=+
+
=−
−
=−
−
0 299
0 587
0 114
05
1 0 114
05
1 0 299
The programmable RGB matrix can be used to control the HD
output levels in cases where the video output does not confirm
to standards due to altering the DAC output stages such as
termination resistors. The programmable RGB matrix is used
for external HD data and is not functional when the HD test
pattern is enabled.
Programming the RGB Matrix
The RGB matrix should be enabled [Address 02h, Bit 3], the
output should be set to RGB [Address 02h, Bit 5], Sync on PrPb
should be disabled [Address 15h, Bit 2], and Sync on RGB is
optional [Address 02h, Bit 4].
GY at addresses 03h and 05h controls the output levels on the
green signal, BU at 04h and 08h the blue signal output levels, and
RV at 04h and 09h the red output levels. To control YPrPb output
levels, YPrPb output should be enabled [Address 02h, Bit 5].
In this case, GY [Address 05h; Address 03, Bit 0–1] is used for
the Y output, RV [Address 09h; Address 04, Bit 0–1] is used for
the Pr output, and BU [Address 08h; Address 04h, Bit 2–3] is
used for the Pb output.
If RGB output is selected, the RGB matrix scaler uses the
following equations:
GGY
Y
GU
Pb
GV
BGY
Y
BU
Pb
RGY
Y
RV
=× +
×
+
×
=× +
×
=× +
×
Pr
Pr
If YPrPb output is selected, the following equations are used:
YGY
Y
UBU
Pb
VRV
=×
=×
=× Pr
On power-up, the RGB matrix is programmed with default values.
Table VIII. RGB Matrix Default Values
Address
Default
03h
03h
04h
F0h
05h
4Eh
06h
0Eh
07h
24h
08h
92h
09h
7Ch
When the programmable RGB matrix is not enabled, the
ADV7330 automatically scales YCrCb inputs to all standards
supported by this part.
SD Luma and Color Control
[Subaddresses 5Ch, 5Dh, 5Eh, 5Fh]
SD Y SCALE, SD Cr SCALE, and SD Cb SCALE are 10-bit
wide control registers to scale the Y, U, and V output levels.
Each of these registers represents the value required to scale the
U or V level from 0.0 to 2.0, and the Y level from 0.0 to 1.5 of
its initial level. The value of these 10 bits is calculated using the
following equation:
YU or V Scalar Value
Scale Factor
,,
=× 512
For example:
Scale factor = 1.18
Y, U, or V Scalar Value = 1.18
× 512 = 665.6
Y, U, or V Scalar Value = 665 (rounded to the nearest integer)
Y, U, or V Scalar Value = 1010 0110 01b
Address 5Ch, SD LSB Register = 15h
Address 5Dh, SD Y Scale Register = A6h
Address 5Eh, SD V Scale Register = A6h
Address 5Fh, SD U Scale Register = A6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com