Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 14 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 10Page - Analog Devices ADV7330 Datasheet HTML 11Page - Analog Devices ADV7330 Datasheet HTML 12Page - Analog Devices ADV7330 Datasheet HTML 13Page - Analog Devices ADV7330 Datasheet HTML 14Page - Analog Devices ADV7330 Datasheet HTML 15Page - Analog Devices ADV7330 Datasheet HTML 16Page - Analog Devices ADV7330 Datasheet HTML 17Page - Analog Devices ADV7330 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
REV. B
–14–
ADV7330
SDATA
SCLOCK
START ADRR R/
W ACK SUBADDRESS ACK
DATA
ACK
STOP
1–7
8
9
S
1–7
8
9
1–7
89
P
Figure 13. Bus Data Transfer
WRITE
SEQUENCE
READ
SEQUENCE
S
SLAVE ADDR
A(S)
SUBADDR
A(S)
DATA
A(S)
DATA
A(S)
P
S
SLAVE ADDR
A(S)
SUBADDR
A(S) S
SLAVE ADDR
A(S)
DATA
DATA
A(M)
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO-ACKNOWLEDGE BY SLAVE
A(M) = NO-ACKNOWLEDGE BY MASTER
LSB = 0
LSB = 1
Figure 14. Write and Read Sequence
Stop and start conditions can be detected at any stage during
the data transfer. If these conditions are asserted out of sequence
with normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCL high period, the
user should issue only one start condition, one stop condition,
or a single stop condition followed by a single start condition.
If an invalid subaddress is issued by the user, the ADV7330 will
not issue an acknowledge and will return to the idle condition.
If in auto-increment mode the user exceeds the highest subaddress,
the following action will be taken:
1. In read mode, the highest subaddress register contents will
continue to be output until the master device issues a no
acknowledge. This indicates the end of a read. A no acknowl-
edge condition is when the SDA line is not pulled low on the
ninth pulse.
2. In write mode, the data for the invalid byte will not be loaded
into any subaddress register, a no acknowledge will be issued
by the ADV7330, and the part will return to the idle condition.
Before writing to the subcarrier frequency registers, it is a require-
ment that the ADV7330 reset at least once after power-up.
The four subcarrier frequency registers must be updated starting
with subcarrier frequency register 0 through subcarrier frequency
register 3. The subcarrier frequency will not update until the
last subcarrier frequency register byte has been received by
the ADV7330.
Figure 13 illustrates an example of data transfer for a write
sequence and the start and stop conditions. Figure 14 shows
bus write and read sequences.
REGISTER ACCESS
The MPU can write to or read from all of the registers of the
ADV7330 except the subaddress registers that are write-only
registers. The subaddress register determines which register the
next read or write operation accesses. All communications with
the part go through the bus start with an access to the subaddress
register. Then a read/write operation is performed from/to the
target address, which then increments to the next address until
a stop command on the bus is performed.
Register Programming
The following tables describe the functionality of each register.
All registers can be read from as well as written to, unless other-
wise stated.
Subaddress Register (SR7–SR0)
The communications register is an 8-bit write-only register. After
the part has been accessed over the bus and a read/write operation
is selected, the subaddress is set up. The subaddress register
determines to/from which register the operation takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com