Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices ADV7330 Datasheet HTML 26Page - Analog Devices ADV7330 Datasheet HTML 27Page - Analog Devices ADV7330 Datasheet HTML 28Page - Analog Devices ADV7330 Datasheet HTML 29Page - Analog Devices ADV7330 Datasheet HTML 30Page - Analog Devices ADV7330 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
REV. B
ADV7330
–27–
INPUT CONFIGURATION
Note that the ADV7330 defaults to progressive scan 54 MHz
mode on power-up. Address(01h): Input Mode = 011
Standard Definition
Address(01h): Input Mode = 000
The 8-bit multiplexed input data is input on Pins Y7–Y0, with Y0
being the LSB. Input standards supported are ITU-R BT.601/656.
In 16-bit input mode the Y pixel data is input on Pins Y7–Y0
and CrCb data on Pins C7–C0.
Input sync signals are optional and are input on the
VSYNC_I/P,
HSYNC_I/P, and BLANK_I/P pins.
MPEG2
DECODER
VSYNC_I/P
HSYNC_I/P
BLANK_I/P
CLKIN
Y[7:0]
27MHz
3
8
YCrCb
ADV7330
Figure 16. SD Input Mode
Progressive Scan or HDTV Mode
Address(01h): Input Mode 001 or 010, Respectively
YCrCb progressive scan, HDTV, or any other HD YCrCb data
can be input in 4:2:2. In 4:2:2 input mode, the Y data is input
on Pins Y7–Y0 and the CrCb data on Pins C7–C0.
If the YCrCb data does not conform to SMPTE 293M (525p),
ITU-R BT.1358M (625p), SMPTE 274M (1080i), SMPTE
296M (720p), or BTA T-1004/1362, the async timing mode
must be used.
ADV7330
MPEG2
DECODER
VSYNC_I/P
HSYNC_I/P
BLANK_I/P
CLKIN
C[7:0]
Y[7:0]
INTERLACED
TO
PROGRESSIVE
YCrCb
8
CbCr
8
Y
3
27MHz
Figure 17. Progressive Scan Input Mode
Progressive Scan at 27 MHz (Dual Edge) or 54 MHz
Address(01h): Input Mode 100 or 111, Respectively
YCrCb progressive scan data can be input at 27 MHz or 54 MHz.
The input data is interleaved onto a single 8-bit bus and is input
on Pins Y7–Y0. When a 27 MHz clock is supplied, the data is
clocked in on the rising and falling edge of the input clock and
CLOCK EDGE [Address 01h, Bit 1] must be set accordingly.
The following figures show the possible conditions.
Y7–Y0
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
CLKIN
Figure 18a. Cb Data on Rising Edge—Clock Edge
Address 01h Bit 1 Should be Set to 0
Y7–Y0
3FF
00
00
XY
Y0
Cb0
Y1
Cr0
CLKIN
Figure 18b. Y Data on Rising Edge—Clock Edge
Address 01h Bit 1 Should be Set to 1
With a 54 MHz clock, the data is latched on every rising edge.
PIXEL INPUT
DATA
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
CLKIN
Figure 18c. Input Sequence in PS Bit Interleaved
Mode (EAV/SAV)
ADV7330
MPEG2
DECODER
VSYNC_I/P
HSYNC_I/P
BLANK_I/P
CLKIN
Y[7:0]
INTERLACED
TO
PROGRESSIVE
YCrCb
8
YCrCb
3
27MHz OR 54MHz
Figure 19. 1
8-Bit PS at 27 MHz or 54 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com