Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 18Page - Analog Devices ADV7330 Datasheet HTML 19Page - Analog Devices ADV7330 Datasheet HTML 20Page - Analog Devices ADV7330 Datasheet HTML 21Page - Analog Devices ADV7330 Datasheet HTML 22Page - Analog Devices ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices ADV7330 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
REV. B
–22–
ADV7330
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Register Setting
Reset
Values
44h
SD Mode Register 3
SD VSYNC-3H
0
Disabled
00h
1
VSYNC = 2.5 Lines (PAL)
VSYNC = 3 Lines (NTSC)
SD RTC/TR/SCR
*
00
Genlock Disabled
01
Subcarrier Reset
10
Timing Reset
11
RTC Enabled
SD Active Video Length
0
720 Pixels
1
710 (NTSC)/702 (PAL)
SD Chroma
0
Chroma Enabled
1
Chroma Disabled
SD Burst
0
Enabled
1
Disabled
SD Color Bars
0
Disabled
1
Enabled
SD DAC Swap
0
DAC B = Luma
DAC C = Chroma
1
DAC B = Chroma
DAC C = Luma
45h
Reserved
00h
46h
Reserved
00h
47h
SD Mode Register 4
SD PrPb Scale
0
Disabled
00h
1
Enabled
SD Y Scale
0
Disabled
1
Enabled
SD Hue Adjust
0
Disabled
1
Enabled
SD Brightness
0
Disabled
1
Enabled
SD Luma SSAF Gain
0
Disabled
1
Enabled
Reserved
0
0 must be written to this bit.
Reserved
0
0 must be written to this bit.
Reserved
0
0 must be written to this bit.
48h
SD Mode Register 5
Reserved
00 must be written to this bit.
Reserved
00 must be written to this bit.
SD Double Buffering
0
Disabled
1
Enabled
SD Input Format
0
8-Bit Input
1
16-Bit Input
Reserved
0
0 must be written to this bit.
SD Digital Noise Reduction
0
Disabled
1
Enabled
SD Gamma Control
0
Disabled
1
Enabled
SD Gamma Curve
0
Gamma Curve A
1
Gamma Curve B
49h
SD Mode Register 6
SD Undershoot Limiter
0
0
Disabled
00h
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
Reserved
00 must be written to this bit.
SD Black Burst Output on DAC Luma
0
Disabled
1
Enabled
SD Chroma Delay
0
0
Disabled
01
4 Clk Cycles
10
8 Clk Cycles
11
Reserved
Reserved
0
0 must be written to this bit.
Reserved
0
0 must be written to this bit.
*See Figure 23, RTC Timing and Connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com