Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 19Page - Analog Devices ADV7330 Datasheet HTML 20Page - Analog Devices ADV7330 Datasheet HTML 21Page - Analog Devices ADV7330 Datasheet HTML 22Page - Analog Devices ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices ADV7330 Datasheet HTML 26Page - Analog Devices ADV7330 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
REV. B
ADV7330
–23–
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Register Setting
Reset Values
4Ah
SD Timing Register 0
SD Slave/Master Mode
0Slave Mode
08h
1
Master Mode
SD Timing Mode
00
Mode 0
01
Mode 1
10
Mode 2
11
Mode 3
SD
BLANK Input
0
Enabled
1Disabled
SD Luma Delay
00
No Delay
01
2 Clk Cycles
10
4 Clk Cycles
11
6 Clk Cycles
SD Min. Luma Value
0– 40 IRE
1– 7.5 IRE
SD Timing Reset
x
0
0
0
0
0
0
0
A low-high-low transition will reset the
internal SD timing counters.
4Bh
SD Timing Register 1
SD
HSYNC Width
0
0
TA = 1 Clk Cycle
00h
01
TA = 4 Clk Cycles
10
TA = 16 Clk Cycles
11
TA = 128 Clk Cycles
SD
HSYNC to VSYNC Delay
0
0
TB = 0 Clk Cycle
01
TB = 4 Clk Cycles
10
TB = 8 Clk Cycles
11
TB = 18 Clk Cycles
SD
HSYNC to VSYNC Rising
x
0
T
C = TB
Edge Delay (Mode 1 Only)
x1
TC = TB + 32 µs
VSYNC Width (Mode 2 Only)
00
1 Clk Cycle
01
4 Clk Cycles
10
16 Clk Cycles
11
128 Clk Cycles
HSYNC to Pixel Data Adjust
0
0
0 Clk Cycles
01
1 Clk Cycle
10
2 Clk Cycles
11
3 Clk Cycles
4Ch
SD FSC Register 0
xx
xx
xx
xx
Subcarrier Frequency Bit 7–0
16h
4Dh
SD FSC Register 1
xx
xx
xx
xx
Subcarrier Frequency Bit 15–8
7Ch
4Eh
SD F
SC Register 2
xx
xx
xx
xx
Subcarrier Frequency Bit 23–16
F0h
4Fh
SD FSC Register 3
xx
xx
xx
xx
Subcarrier Frequency Bit 31–24
21h
50h
SD F
SC Phase
xx
xx
xx
xx
Subcarrier Phase Bit 9–2
00h
51h
SD Closed Captioning
Extended Data on Even Fields
xx
xx
xx
xx
Extended Data Bit 7–0
00h
52h
SD Closed Captioning
Extended Data on Even Fields
xx
xx
xx
xx
Extended Data Bit 15–8
00h
53h
SD Closed Captioning
Data on Odd Fields
xx
x
xx
x
xx
Data Bit 7–0
00h
54h
SD Closed Captioning
Data on Odd Fields
xx
xx
xx
xx
Data Bit 15–8
00h
55h
SD Pedestal Register 0
Pedestal on Odd Fields
17
16
15
14
13
12
11
10
Setting any of these bits to 1
00h
56h
SD Pedestal Register 1
Pedestal on Odd Fields
25
24
23
22
21
20
19
18
will disable pedestal on the
00h
57h
SD Pedestal Register 2
Pedestal on Even Fields
17
16
15
14
13
12
11
10
line number indicated by the
00h
58h
SD Pedestal Register 3
Pedestal on Even Fields
25
24
23
22
21
20
19
18
bit settings.
00h
LINE 313
LINE 314
LINE 1
tB
HSYNC
VSYNC
tA
tC
Figure 15. Timing Register 1 in PAL Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com