Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 20Page - Analog Devices ADV7330 Datasheet HTML 21Page - Analog Devices ADV7330 Datasheet HTML 22Page - Analog Devices ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices ADV7330 Datasheet HTML 26Page - Analog Devices ADV7330 Datasheet HTML 27Page - Analog Devices ADV7330 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
REV. B
–24–
ADV7330
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6
Bit 5 Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 Register Setting
Reset Values
59h
SD CGMS/WSS 0 SD CGMS Data
19
18
17
16
CGMS data bits C19-C16
00h
SD CGMS CRC
0
Disabled
1
Enabled
SD CGMS on Odd Fields
0
Disabled
1
Enabled
SD CGMS on Even Fields
0
Disabled
1
Enabled
SD WSS
0
Disabled
1
Enabled
5Ah
SD CGMS/WSS 1 SD CGMS/WSS Data
13
12
11
10
9
8
CGMS Data Bits C13–C8 or
WSS Data Bits C13–C8
00h
15
14
CGMS Data Bits C15–C14
00h
5Bh
SD CGMS/WSS 2 SD CGMS/WSS Data
7
6
5
4
3
21
0
CGMS/WSS Data Bits C7–C0 00h
5Ch
SD LSB Register
SD LSB for Y Scale Value
xx
SD Y Scale Bit 1–0
SD LSB for U Scale Value
x
x
SD U Scale Bit 1–0
SD LSB for V Scale Value
x
x
SD V Scale Bit 1–0
SD LSB for FSC Phase
x
x
Subcarrier Phase Bits 1–0
5Dh
SD Y Scale
Ri
SD Y Scale Value
x
x
x
x
x
x
x
x
SD Y Scale Bit 7–2
00h
5Eh
SD V Scale
Ri
SD V Scale Value
x
x
x
x
x
x
x
x
SD V Scale Bit 7–2
00h
5Fh
SD U Scale
Ri
SD U Scale Value
x
x
x
x
x
x
x
x
SD U Scale Bit 7–2
00h
60h
SD Hue Register
SD Hue Adjust Value
x
x
x
x
x
x
x
x
SD Hue Adjust Bit 7–0
00h
61h
SD Brightness Value
x
x
x
x
x
x
x
SD Brightness Bit 6–0
00h
SD Blank WSS Data
0
Disabled
Line 23
1
Enabled
62h
SD Luma SSAF
SD Luma SSAF Gain/Attenuation
00
0
00000
–4 dB
00h
00
0
00110
0 dB
00
0
01100
4 dB
63h
SD DNR 0
Coring Gain Border
0000
No Gain
00h
0001
+1/16 (–1/8)
In DNR
0010
+2/16 (–2/8)
modes the
0011
+3/16 (–3/8)
values in the
0100
+4/16 (–4/8)
parentheses apply.
0101
+5/16 (–5/8)
0110
+6/16 (–6/8)
0111
+7/16 (–7/8)
1000
+8/16 (–1)
Coring Gain Data
00
00
No Gain
00
01
+1/16 (–1/8)
00
10
+2/16 (–2/8)
00
11
+3/16 (–3/8)
01
00
+4/16 (–4/8)
01
01
+5/16 (–5/8)
01
10
+6/16 (–6/8)
01
11
+7/16 (–7/8)
10
00
+8/16 (–1)
64h
SD DNR 1
DNR Threshold
0
00000
0
00h
0
00001
1
…
…………
…
…
1
11110
62
1
11111
63
Border Area
02 Pixels
14 Pixels
Block Size Control
0
8 Pixels
1
16 Pixels
SD Brightness/
WSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com