Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 35 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 31Page - Analog Devices ADV7330 Datasheet HTML 32Page - Analog Devices ADV7330 Datasheet HTML 33Page - Analog Devices ADV7330 Datasheet HTML 34Page - Analog Devices ADV7330 Datasheet HTML 35Page - Analog Devices ADV7330 Datasheet HTML 36Page - Analog Devices ADV7330 Datasheet HTML 37Page - Analog Devices ADV7330 Datasheet HTML 38Page - Analog Devices ADV7330 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
REV. B
ADV7330
–35–
Table VI. Internal Filter Specifications
Pass-Band Ripple 3 dB Bandwidth
Filter
(dB)
1
(MHz)
2
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
NOTES
1Pass-band ripple refers to the maximum fluctuations from the 0 dB response in
the pass band, measured in (dB). The pass band is defined to have 0 (Hz) to
fc (Hz) frequency limits for a low-pass filter, 0 (Hz) to f1 (Hz) and f2 (Hz) to
infinity for a notch filter, where fc, f1, f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED UV FILTER MODE
Figure 29. UV SSAF Filter
SD Internal Filter Response
[Subaddress 40h; Subaddress 42, Bit 0]
The Y filter supports several different frequency responses includ-
ing two low-pass responses, two notch responses, an extended
(SSAF) response with or without gain boost/attenuation, a CIF
response, and a QCIF response. The UV filter supports several
different frequency responses including six low-pass responses,
aCIF response, and a QCIF response, as can be seen in the
typical performance characteristics graphs on the following pages.
If SD SSAF gain is enabled, there is the option of 12 responses in
the range of –4 dB to +4 dB [Subaddress 47, Bit 4]. The desired
response can be chosen by the user by programming the correct
value via the I
2C [Subaddress 62h]. The variation of frequency
responses can be seen in the typical performance characteristics
graphs on the following pages.
In addition to the chroma filters listed in Table VI, the ADV7330
contains an SSAF filter specifically designed for and applicable
to the color difference component outputs, U and V.
This filter has a cutoff frequency of about 2.7 MHz and –40 dB
at 3.8 MHz, as can be seen in Figure 29. This filter can be
controlled with Address 42h, Bit 0.
If this filter is disabled, the selectable chroma filters shown in
Table VI can be used for the CVBS or chroma signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com