Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 21Page - Analog Devices ADV7330 Datasheet HTML 22Page - Analog Devices ADV7330 Datasheet HTML 23Page - Analog Devices ADV7330 Datasheet HTML 24Page - Analog Devices ADV7330 Datasheet HTML 25Page - Analog Devices ADV7330 Datasheet HTML 26Page - Analog Devices ADV7330 Datasheet HTML 27Page - Analog Devices ADV7330 Datasheet HTML 28Page - Analog Devices ADV7330 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
REV. B
ADV7330
–25–
SR7–
SR0
Register
Bit Description
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
Register Setting
Reset
Values
65h
SD DNR 2
DNR Input Select
0
0
1
Filter A
00h
01
0Filter B
01
1Filter C
1
0
0
Filter D
DNR Mode
0
DNR Mode
1
DNR Sharpness Mode
DNR Block Offset
0
000
0 Pixel Offset
0
001
1 Pixel Offset
…
………
…
1
110
14 Pixel Offset
1
111
15 Pixel Offset
66h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A0
00h
67h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
xx
x
A1
00h
68h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
xx
x
A2
00h
69h
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
xx
x
A3
00h
6Ah
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A4
00h
6Bh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A5
00h
6Ch
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
xx
x
A6
00h
6Dh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
xx
x
A7
00h
6Eh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A8
00h
6Fh
SD Gamma A
SD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A9
00h
70h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B0
00h
71h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
xx
x
B1
00h
72h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
xx
x
B2
00h
73h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B3
00h
74h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B4
00h
75h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B5
00h
76h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
xx
x
B6
00h
77h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
xx
x
B7
00h
78h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B8
00h
79h
SD Gamma B
SD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B9
00h
7Ah
SD Brightness Detect
SD Brightness Value
x
xxx
x
xx
x
Read-Only
7Bh
Field Count Register
Field Count
xx
x
Read-Only
Reserved
0
0 must be written to this bit.
Reserved
0
0 must be written to this bit.
Reserved
0
0 must be written to this bit.
Revision Code
xx
Read-Only
7C
Reserved
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com