Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 41Page - Analog Devices ADV7330 Datasheet HTML 42Page - Analog Devices ADV7330 Datasheet HTML 43Page - Analog Devices ADV7330 Datasheet HTML 44Page - Analog Devices ADV7330 Datasheet HTML 45Page - Analog Devices ADV7330 Datasheet HTML 46Page - Analog Devices ADV7330 Datasheet HTML 47Page - Analog Devices ADV7330 Datasheet HTML 48Page - Analog Devices ADV7330 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
REV. B
ADV7330
–45–
f
e
d
a
b
c
1
R4
R2
CH1 500mV
M 4.00 s
CH1
ALL FIELDS
REF A
500mV 4.00 s
1
9.99978ms
R2
R1
1
CH1 500mV
M 4.00 s
CH1
ALL FIELDS
REF A
500mV 4.00 s
1
9.99978ms
Figure 35. HD Sharpness Filter Control with Different Gain Settings for HS Sharpness Filter Gain Value
HD Sharpness Filter and Adaptive Filter Application Examples
HD Sharpness Filter Application
The HD sharpness filter can be used to enhance or attenuate
the Y video output signal. The following register settings were
used to achieve the results shown in the figures below. Input
data was generated by an external signal source.
Table XI.
Register
Reference in
Address
Setting
Figure 35
00h
FCh
01h
10h
02h
20h
10h
00h
11h
81h
20h
00h
a
20h
08h
b
20h
04h
c
20h
40h
d
20h
80h
e
20h
22h
f
The effect of the sharpness filter can also be seen when using
the internally generated cross hatch pattern.
Table XII.
Address
Register Setting
00h
FCh
01h
10h
02h
20h
10h
00h
11h
85h
20h
99h
In toggling the sharpness filter enable bit [Address 11h, Bit 8],
it can be seen that the line contours of the crosshatch pattern
change their sharpness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com