Electronic Components Datasheet Search
  English  ▼

X  

ADV7330 Datasheet(PDF) 46 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADV7330 Datasheet HTML 42Page - Analog Devices ADV7330 Datasheet HTML 43Page - Analog Devices ADV7330 Datasheet HTML 44Page - Analog Devices ADV7330 Datasheet HTML 45Page - Analog Devices ADV7330 Datasheet HTML 46Page - Analog Devices ADV7330 Datasheet HTML 47Page - Analog Devices ADV7330 Datasheet HTML 48Page - Analog Devices ADV7330 Datasheet HTML 49Page - Analog Devices ADV7330 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
REV. B
–46–
ADV7330
ADAPTIVE FILTER CONTROL APPLICATION
Figures 36 and 37 show a typical signal to be processed by the
adaptive filter control block.
: 692mV
@: 446mV
: 332ns
@: 12.8ms
Figure 36. Input Signal to Adaptive Filter Control
: 692mV
@: 446mV
: 332ns
@: 12.8ms
Figure 37. Output Signal After Adaptive Filter Control
The following register settings were used to obtain the results
shown in Figure 37, i.e., to remove the ringing on the Y signal.
Input data was generated by an external signal source.
Table XIII.
Address
Register Setting
00h
FCh
01h
10h
02h
20h
10h
00h
11h
81h
15h
80h
20h
00h
38h
ACh
39h
9Ah
3Ah
88h
3Bh
28h
3Ch
3Fh
3Dh
64h
All other registers are set as normal.
When changing the adaptive filter mode to Mode B [Address 15h,
Bit 6], the following output can be obtained:
: 674mV
@: 446mV
: 332ns
@: 12.8ms
Figure 38. Output Signal from Adaptive Filter Control
The adaptive filter control can also be demonstrated using the
internally generated crosshatch test pattern and toggling the
adaptive filter control bit [Address 15h, Bit 7].
Table XIV.
Address
Register Setting
00h
FCh
01h
10h
02h
20h
10h
00h
11h
85h
15h
80h
20h
00h
38h
ACh
39h
9Ah
3Ah
88h
3Bh
28h
3Ch
3Fh
3Dh
64h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com