Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
12
Final
Version: DM9601-DS-F01
June 22, 2002
8. Interface 0 Configuration
8.1 Endpoint 1
Type: Bulk In
Packet Load: 64-byte
When host is accessing EP1.
If IN-FIFO is full, device will send 64-byte data.
If IN-FIFO isn’t full and Ethernet packet isn’t end, device will send a NAK.
If IN-FIFO isn’t full and Ethernet packet is end, device will send the surplus data in IN-FIFO.
Data Format
Fist byte
: Packet Status
Second byte : Packet byte count low
Third byte
: Packet byte count high
The others
: Packet
8.2 Endpoint 2
Type: Bulk Out
Packet Load: 64-byte
When host is accessing EP2.
If OUT-FIFO is empty, host sends data, device responds to ACK.
If OUT-FIFO isn’t empty, host sends data, device responds to NAK.
If host sends data less then 64-byte or zero byte, it means Ethernet packet ends.
Data Format
First byte
: Packet byte count low
Second byte : Packet byte count high
The others
: Packet
8.3 Endpoint 3
Type: Interrupt In
Packet Load: 8-byte
When host accessing EP3.
If there is no interrupt condition, device responds to NAK.
If interrupt condition, device will send content back to host.
Data Format
Offset
Name
Description
Byte 0
NSR
Network Status Register
Byte 1
TSR1
TX Status Register1
Byte 2
TSR2
TX Status Register2
Byte 3
RSR
RX Status Register
Byte 4
ROCR
Received Overflow Counter Register
Byte 5
RXC
Received Packet Counter
Byte 6
TXC
Transmit Packet Counter
Byte 7
GPR
General Purpose Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com