Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Preliminary
31
Version: DM9601-DS-P01
June 22, 2001
0 = Link is not established
The link status bit is implemented with a latching function, so that the
occurrence of a link failure condition causes the link status bit to be
cleared and remain cleared until it is read via the management
interface
1.1
Jabber detect
0,RO/LH
Jabber Detect
1 = Jabber condition detected
0 = No jabber
This bit is implemented with a latching function. Jabber conditions
will set this bit unless it is cleared by a read to this register through a
management interface or a PHY reset. This bit works only in 10Mbps
mode
1.0
Extended
capability
1,RO/P
Extended Capability
1 = Extended register capable
0 = Basic register capable only
11.3 PHY ID Identifier Register #1 (PHYID1) - 02
The PHY Identifier Registers #1 and #2 work together in a single identifier of the DM9601. The Identifier consists
of a concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model
revision number. DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Bit Name
Default
Description
2.15-2.0
OUI_MSB
<0181h>
OUI Most Significant Bits
This register stores that bit 3 to 18 of the OUI (00606E) are
mapped to bit 15 to 0 of this register respectively. The most
significant two bits of the OUI are ignored (the IEEE standard refers
to these as bit 1 and 2)
11.4 PHY Identifier Register #2 (PHYID2) - 03
Bit
Bit Name
Default
Description
3.15-3.10
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this
register respectively
3.9-3.4
VNDR_MDL
<001000>,
RO/P
Vendor Model Number
Six bits of vendor model number mapped to bit 9 to 4 (most
significant bit to bit 9)
3.3-3.0
MDL_REV
<0000>,
RO/P
Model Revision Number
Four bits of vendor model revision number mapped to bit 3 to 0
(most significant bit to bit 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com