Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
48
Final
Version: DM9601-DS-F01
June 22, 2002
14. Application Notes
14.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as
possible to the DM9601 RX± and TX± pins. Traces routed
from RX± and TX± to the transformer should run in close
pairs directly to the transformer. The designer should be
careful not to place the transmit pair across the receive pair.
As always, vias should be avoided as much as possible.
The network interface should be void of any signal other
than the TX± and RX± pairs between the RJ-45 to the
transformer and the transformer to the DM9601. There
should be no power or ground planes in the area under the
network side of the transformer to include the area under the
RJ-45 connector. (Refer to Figure 4 and 5.) Keep chassis
ground away from all active signals. The RJ-45 connector
and any unused pin should be tied to chassis ground
through a resistor divider network and a 2KV bypass
capacitor.
The Band Gap resistor should be placed as physically close
to pins 25 and 26 as possible. (Refer to Figure 1 and 2.)
The designer should not run any high-speed signal near the
Band Gap resistor placement.
14.2 10Base-T/100Base-TX Application
DM9601
RX+
RX-
TX+
TX-
BGGND
BGRES
Transformer
RJ45
1
2
8
3
4
5
6
7
1:1
1:1
75Ω
1%
75Ω
1%
75Ω
1%
75Ω
1%
3.3V AVCC
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF/2KV
Chasis GND
6.8KΩ, 1%
50Ω
1%
50Ω
1%
50Ω
1%
50Ω
1%
3.3V AVCC
AGND
AGND
AGND
AGND
29
30
33
34
26
25
Figure 14-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com