Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
23
Version: DM9601-DS-F01
June 22, 2002
10.11 RX/TX Flow Control Register ( 0AH )
Bit
Name
Default
Description
7
TXP0
0,RW
TX pause packet, Auto clears after pause packet transmission completion.
Set to TX pause packet with time = 0000H
6
TXPF
0,RW
TX pause packet, Auto clears after pause packet transmission completion.
Set to TX pause packet with time = FFFFH.
5
TXPEN
0,RW
Force TX Pause Packet Enable
Enable the pause packet for high/low water threshold control.
4
BKPA
0,RW
Back pressure mode. This mode is for half duplex mode only. Generates a jam
pattern when any packet coming and RX SRAM over BPHW.
3
BKPM
0,RW
Back pressure mode. This mode is for half duplex mode only. Generates a jam
pattern when a packet’s DA match and RX SRAM over BPHW.
2
RXPS
0,R/C
RX pause packet status, latch and read clear
1
RXPCS
0,RO
RX pause packet current status
0
FLCE
0,RW
Flow Control Enable
Set to enable the flow control mode(i.e. to disable TX function).
10.12 EEPROM & PHY Control Register ( 0BH )
Bit
Name
Default
Description
7:6
RESERVED
0,RO
Reserved
5
REEP
0,RW
Reload EEPROM. Driver needs to clear it after operation complete.
4
WEP
0,RW
Write EEPROM enable
3
EPOS
0,RW
EEPROM or PHY Operation Select
When reset, select EEPROM; when set, select PHY.
2
ERPRR
0,RW
EEPROM Read or PHY Register Read Command. Driver needs to clear it after
operation complete.
1
ERPRW
0,RW
EEPROM Write or PHY Register Write Command. Driver needs to clear it after
operation complete.
0
ERRE
0,RO
EEPROM Access Status or PHY Access Status
When set, it indicates that the EEPROM or PHY access is in progress.
10.13 EEPROM & PHY Address Register ( 0CH )
Bit
Name
Default
Description
7:6
PHY_ADR
1,RW
PHY Address bit 1 and 0, the PHY address bit [4:2] is force to 0. Force to 01 if
internal PHY is selected
5:0
EROA
0,RW
EEPROM Word Address or PHY Register Address
10.14 EEPROM & PHY Data Register ( EE_PHY_L:
:
:
:
0DH
EE_PHY_H:
:
:
:
0EH )
Bit
Name
Default
Description
7:0
EE_PHY_L
X,RW
EEPROM or PHY Low Byte Data
7:0
EE_PHY_H
X,RW
EEPROM or PHY High Byte Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com