Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 58Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
54
Final
Version: DM9601-DS-F01
June 22, 2002
11.8 Magnetics Selection Guide
Refer to Table 2 for transformer requirements.
Transformers meeting these requirements are
available from a variety of magnetic manufacturers.
Designers should test and qualify all magnetics before
using them in an application. The transformers listed
in Table 2 are electrical equivalent, but may not be
pin-to-pin equivalent.
Manufacturer
Part Number
Pulse Engineering
PE-68515, H1078, H1012
H1102
Delta
LF8200, LF8221x
YCL
20PMT04, 20PMT05
Halo
TG22-3506ND, TD22-3506G1, TG22-
S010ND
TG22-S012ND
Nano Pulse Inc.
NPI 6181-37, NPI 6120-30, NPI 6120-37
NPI 6170-30
Fil-Mag
PT41715
Bel Fuse
S558-5999-01
Valor
ST6114, ST6118
Macronics
HS2123, HS2213
Table 2
11.9 Crystal Selection Guide
A crystal can be used to generate the 25Mhz
reference clock instead of a oscillator. The crystal
must be a fundamental type, series-resonant.
Connect to X1 and X2, shunt each crystal lead to
ground with a 22pf capacitor (see figure 7).
21
22
X1_25M
X2_25M
AGND
AGND
C18
22pf
Y1
25M
C19
22pf
Figure 14-7
Crystal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com