Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
14
Final
Version: DM9601-DS-F01
June 22, 2002
9.2 Configuration0 Descriptor/9-Byte
Offset
Field
Size
Value
Description
0
bLength
1
09H
Size of descriptors
1
bDescriptorType
1
02H
CONFIGURATION Descriptor Type
2
wTotalLength
2
0027H Total descriptor length
4
bNumInterfaces
1
01H
Number of interfaces
5
bConfigurationValue
1
00H
Value of this configuration
6
iConfiguration
1
00H
Index of string descriptor for configuration
7
bmAttributes
1
A0H
Configuration characteristics
D7:Reserved (set to 1)
D6: Self-powered
D5: Remote WakeUp
D4: Reserved ( reset to 0)
8MaxPower
1
3CH
Maximum power, 2mA units
9.3 Interface0 Descriptor/9-Byte
Offset
Field
Size
Value
Description
0
bLength
1
09H
Size of this descriptor
1
bDescriptorType
1
04H
INTERFACE Descriptor Typr
2
bInterfaceNumber
1
00H
Number of interface
3
bAlternateSetting
1
00H
Value used to select alternate setting
4
bNumEndpoints
1
03H
Number of ednpoints
5
bInterfaceClass
1
00H
Class code
6
bInterfaceSubClass
1
00H
SunClass code
7
bInterfaceProtocol
1
00H
Protocol code
8iInterface
1
00H
Index of string for this interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com