Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Final
27
Version: DM9601-DS-F01
June 22, 2002
10.30 USB Control Register (F4H)
Bit
Name
Default
Description
7
Reserved
0,RW
Reserved
6
Reserved
0,RW
Reserved
5
EP3ACK
0,RW
When set and EP3_NAK=0, EP3 will always return 8-byte data to host per
interrupt-interval
4
EP3NAK
0,RW
When set, EP3 will always return NAK.
3
Reserved
0,RW
Reserved
2
Reserved
0,RW
Reserved
1
Reserved
0,RW
Reserved
0
MEMTST
0,RW
Before any memory-command, this bit must be set to 1. When in MEM_TST,
TX/RX FIFO controller will be flushed.
10.31 EEPROM Format:
name
Word
offset
description
MAC address
0
0~5
6 byte ethernet address
Auto Load Control
3
6-7
Bit 1:0=01: Update vendor ID and product ID
Bit 5:2 reserved
Bit 7:6=01: Accept setting of WORD7[3:0]
Bit 9:8=01: Accept setting of WORD7[6:4]
Bit 11:10=01: Accept setting of WORD7[7]
Bit 13:12=01: Accept setting of WORD7[8]
Bit 15:14=01: Accept setting of WORD11
Vendor ID
4
8-9
2 byte vendor ID (Default: 0A46h)
Product ID
5
10-11 2 byte product ID (Default: 9601h)
Reserved
6
12-13 reserved
Wake-UP mode
control
7
14-15 Bit0: WOL active low when set (default: active high)
Bit1: WOL is pulse mode (default: level mode)
Bit2: magic wakeup event enabled when set. (default: no)
Bit3: link_change wakeup event enabled when set (default: no)
Bit4: magic wakeup event enabled if USB in suspend state (default: yes)
Bit5: link_change wakeup event enabled if USB in suspend state (default: yes)
Bit6: sample frame wakeup event enabled if USB in suspend state (default: yes)
Bit7: LED mode 1 (default: 0)
Bit8: internal PHY is enabled after power-on (default: no)
Bit15:9: reserved
String1 address
8
16
Vendor describe string start address
String2 length
8
17
Vendor describe string length
String2 address
9
18
Product describe string start address
String2 length
9
19
Product describe string length
String3 address
10
20
Product describe string start address
String3 length
10
21
Product describe string length
USB control
11
22-23 Bit7: 0: USB maximum power. Unit is 2ma.
Bit15:8: USB class code
CRC
126~127 2 byte CRC of 0~125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com