Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Preliminary
37
Version: DM9601-DS-P01
June 22, 2001
11.10 10BASE-T Configuration/Status (10BTCSR) - 18
Bit
Bit Name
Default
Description
18.15
RESERVED
0, RO
Reserved
Write as 0, ignore on read
18.14
LP_EN
1, RW
Link Pulse Enable
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation
18.13
HBE
1,RW
Heartbeat Enable
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the PHY is configured for full duplex operation, this bit will be
ignored (the collision/heartbeat function is invalid in full duplex
mode).
18.12
SQUELCH
1, RW
Squelch Enable
1 = normal squelch
0 = low squelch
18.11
JABEN
1, RW
Jabber Enable
Enables or disables the Jabber function when the PHY is in
10BASE-T full duplex or 10BASE-T transceiver loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
12.
18.10-
18.1
RESERVED
0, RO
Reserved
Write as 0, ignore on read
18.0
POLR
0, RO
Polarity Reversed
When this bit is set to 1, it indicates that the 10Mbps cable polarity
is reversed. This bit is set and cleared by 10BASE-T module
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com