Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
22
Final
Version: DM9601-DS-F01
June 22, 2002
1
CE
0,RO
CRC Error
It is set to indicate that the received frame ends with a CRC error.
0
FOE
0,RO
FIFO Overflow Error
It is set to indicate that a FIFO Overflow error happens during the frame reception.
10.8 Receive Overflow Counter Register ( 07H )
Bit
Name
Default
Description
7
RXFU
0,R/C
Receive Overflow Counter Overflow
This bit is set when the ROC has an overflow condition.
6:0
ROC
0,R/C
Receive Overflow Counter
This is a statistic counter, which indicates that the received packet count upon FIFO
overflow
10.9 Back Pressure Threshold Register (08H)
Bit
Name
Default
Description
7:4
BPHW
3h, RW
Back Pressure High Water Overflow Threshold
MAC will generate the jam pattern when RX SRAM free space is lower than this
threshold value
Default is 3K-byte free space. Please don’t exceed SRAM size (1 unit=1K bytes)
3:0
JPT
7h, RW
Jam Pattern Time Default is 200us
bit3 bit2 bit1 bit0
time
0 0 0 0
5us
0 0 0 1
10us
0 0 1 0
15us
0 0 1 1
25us
0 1 0 0
50us
0 1 0 1
100us
0 1 1 0
150us
0 1 1 1
200us
1 0 0 0
250us
1 0 0 1
300us
1 0 1 0
350us
1 0 1 1
400us
1 1 0 0
450us
1 1 0 1
500us
1 1 1 0
550us
1 1 1 1
600us
10.10 Flow Control Threshold Register ( 09H )
Bit
Name
Default
Description
7:4
HWOT
3h, RW
RX FIFO High Water Overflow Threshold
Send a pause packet with pause_time=FFFFH when the RX RAM free space is
less than this value., If this value is zero, its meaning is no free RX SARM space.
Default is 3K-byte free space. Please don’t exceed SRAM size.
(1 unit=1K bytes)
3:0
LWOT
8h, RW
RX FIFO Low Water Overflow Threshold
Send a pause packet with pause_time=0000 when RX SARM free space is larger
than this value. This pause packet is enabled after high water pause packet is
transmitted. Default SRAM free space is 8K-byte. Please don’t exceed SRAM size.
(1 unit=1K bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com