Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Preliminary
49
Version: DM9601-DS-P01
June 22, 2001
14.3 10Base-T/100Base-TX (Power Reduction Application)
DM9601
RX+
RX-
TX+
TX-
BGRESG
BGRES
Transformer
RJ45
1
2
8
3
4
5
6
7
1:1
1.25:1
75Ω
1%
75Ω
1%
75Ω
1%
75Ω
1%
3.3V AVCC
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF/2KV or 0.01µF/2KV
Chasis GND
8.5KΩ, 1%
78Ω
1%
78Ω
1%
50Ω
1%
50Ω
1%
3.3V AVCC
AGND
AGND
AGND
AGND
25
26
34
33
30
29
Figure 14-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com