Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
Preliminary
43
Version: DM9601-DS-P01
June 22, 2001
13. DC and AC Electrical Characteristics
13.1 Absolute Maximum Ratings ( 25
°°°°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVdd, AVdd
Supply Voltage
-0.3
3.6
V
VIN
DC Input Voltage (VIN)-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)-0.3
3.6
V
Tstg
Storage Temperature Rang (Tstg)
-65
+150
°C
EIAJ-4701
Tc
Case Temperature
0
85
°C
Air Flow = 0m/min
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
235
°C
J-STD-020A
ESD
ESD rating (Rzap=1.5k Czap=100PF
3000
V
13.2 Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD,AVDD
Supply Voltage
3.135
3.465
V
100BASE-TX
---
100
mA
3.3V
10BASE-T TX
---
80
mA
3.3V
10BASE-T idle
---
44
mA
3.3V
Auto-negotiation
---
60
mA
3.3V
PD
(Power Dissipation)
Power Reduced Mode(without cable)
---
20
mA
3.3V
Power Down Mode
---
10
mA
3.3V
Comments
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only.
Functional operation of this device at these or any
other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com