Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
36
Final
Version: DM9601-DS-F01
June 22, 2002
If this bit is 1, it means the operation 1 mode is a 10M half duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in the
auto-negotiation mode
17.11-
17.9
RESERVED
0, RO
Reserved
Write as 0, ignore on read
17.8-17.4 PHYADR[4:0]
(PHYADR),
RW
PHY Address Bit 4:0
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple
PHY entities must know the appropriate address of each PHY
17.3-17.0
ANMB[3:0]
0, RO
Auto-negotiation Monitor Bits
These bits are for debug only. The auto-negotiation status will be
written to these bits
B3 b2 b1 B0
0
0
0
0
In IDLE state
000
1
Ability match
0
0
1
0
Acknowledge match
0
0
1
1
Acknowledge match fail
0
1
0
0
Consistency match
0
1
0
1
Consistency match fail
0
1
1
0
Parallel detects signal_link_ready
0
1
1
1
Parallel detects signal_link_ready fail
1
0
0
0
Auto-negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com