Electronic Components Datasheet Search
  English  ▼

X  

DM9601E Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # DM9601E
Description  USB Ethernet MAC Controller with Intergrated 10/100 PHY
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9601E Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button DM9601E Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9601E Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
DM9601
USB to Ethernet MAC Controller with Integrated 10/100 PHY
34
Final
Version: DM9601-DS-F01
June 22, 2002
11.7 Auto-negotiation Expansion Register (ANER)- 06
Bit
Bit Name
Default
Description
6.15-6.5
RESERVED
X, RO
Reserved
Write as 0, ignore on read
6.4
PDF
0, RO/LH
Local Device Parallel Detection Fault
PDF = 1 : A fault detected via parallel detection function
PDF = 0 : No fault detected via parallel detection function
6.3
LP_NP_ABLE
0, RO
Link Partner Next Page Able
LP_NP_ABLE = 1 : Link partner, next page available
LP_NP_ABLE = 0 : Link partner, no next page
6.2
NP_ABLE
0,RO/P
Local Device Next Page Able
NP_ABLE = 1 : next page available
NP_ABLE = 0 : no next page
6.1
PAGE_RX
0, RO/LH
New Page Received
A new link code word page received. This bit will be automatically
cleared when the register (register 6) is read by management.
6.0
LP_AN_ABLE
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports Auto-
negotiation
11.8 DAVICOM Specified Configuration Register (DSCR) - 16
Bit
Bit Name
Default
Description
16.15
BP_4B5B
0, RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5B and 5B4B operation
16.14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
16.13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and
symbol decoding functions) bypassed. Transmit functions
( symbol encoder and scrambler) bypassed
0 = Normal operation
16.12
BP_ADPOK
0, RW
BYPASS ADPOK
Force signal detector (SD) active. This register is for debug only,
not release to customer
1=Force SD is OK
0=Normal operation
16.11
RESERVED
0, RO
Reserved
Write as 0, ignore on read
16.10
TX
1, RW
100BASE-TX or FX Mode Control
1 = 100BASE-TX operation
0 = 100BASE-FX operation
16.9
RESERVED
0, RO
Reserved
16.8
RESERVED
0, RO
Reserved
Write as 0, ignore on read.
16.7
F_LINK_100
0, RW
Force Good Link in 100Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com