Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices ADP3189 Datasheet HTML 31Page - Analog Devices ADP3189 Datasheet HTML 32Page - Analog Devices ADP3189 Datasheet HTML 33Page - Analog Devices ADP3189 Datasheet HTML 34Page - Analog Devices ADP3189 Datasheet HTML 35Page - Analog Devices ADP3189 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
ADP3189
Rev. 0 | Page 34 of 36
Since the ADP3189 turns off all of the phases (switches inductors
to ground), there is no ripple voltage present during load release.
Therefore, the user does not have to add headroom for ripple,
allowing load release VTRANREL to be larger than VTRAN1,
by the amount of ripple, and still meet specifications.
If VTRAN1 and VTRANREL are less than the desired final droop, this
implies that capacitors can be removed. When removing capaci-
tors, check the output ripple voltage as well to make sure it is
still within specifications.
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal
performance of a switching regulator in a PC system.
General Recommendations
For good results, a PCB with at least four layers is recommended.
This should allow the needed versatility for control circuitry
interconnections with optimal placement, power planes for
ground, input and output power, and wide interconnection
traces in the remainder of the power delivery current paths.
Keep in mind that each square unit of 1 ounce copper trace
has a resistance of ~0.53 mΩ at room temperature.
Whenever high currents must be routed between PCB layers,
vias should be used liberally to create several parallel current
paths, so the resistance and inductance introduced by these
current paths is minimized and the via current rating is not
exceeded.
If critical signal lines (including the output voltage sense lines
of the ADP3189) must cross through power circuitry, it is best
if a signal ground plane can be interposed between those signal
lines and the traces of the power circuitry. This serves as a
shield to minimize noise injection into the signals at the
expense of making signal ground a bit noisier.
An analog ground plane should be used around and under the
ADP3189 as a reference for the components associated with the
controller. This plane should be tied to the nearest output
decoupling capacitor ground and should not be tied to any other
power circuitry to prevent power currents from flowing in it.
The components around the ADP3189 should be located close
to the controller with short traces. The most important traces
to keep short and away from other traces are the FB pin and
CSSUM pin. The output capacitors should be connected as
close as possible to the load (or connector), for example, a
microprocessor core, that receives the power. If the load is
distributed, the capacitors should also be distributed and
generally be in proportion to where the load tends to be
more dynamic.
Avoid crossing any signal lines over the switching power path
loop, described in the Power Circuitry Recommendations
section.
Power Circuitry Recommendations
The switching power path should be routed on the PCB to
encompass the shortest-possible length in order to minimize
radiated switching noise energy (that is, EMI) and conduction
losses in the board. Failure to take proper precautions often
results in EMI problems for the entire PC system and noise-
related operational problems in the power converter control
circuitry. The switching power path is the loop formed by
the current path through the input capacitors and the power
MOSFETs, including all interconnecting PCB traces and planes.
Using short and wide interconnection traces is especially critical
in this path for two reasons: it minimizes the inductance in the
switching loop, which can cause high energy ringing, and it
accommodates the high current demand with minimal
voltage loss.
Whenever a power dissipating component, for example, a
power MOSFET, is soldered to a PCB, the liberal use of vias,
both directly on the mounting pad and immediately surrounding
it, is recommended. Two important reasons for this are improved
current rating through the vias and improved thermal perform-
ance from vias extended to the opposite side of the PCB, where
a plane can more readily transfer the heat to the air. Make a
mirror image of any pad being used to heatsink the MOSFETs
on the opposite side of the PCB to achieve the best thermal
dissipation to the air around the board. To further improve
thermal performance, use the largest possible pad area.
The output power path should also be routed to encompass a
short distance. The output power path is formed by the current
path through the inductor, the output capacitors, and the load.
For best EMI containment, a solid power ground plane should
be used as one of the inner layers extending fully under all the
power components.
Signal Circuitry Recommendations
The output voltage is sensed and regulated between the FB pin
and the FBRTN pin, which connect to the signal ground at the
load. To avoid differential mode noise pickup in the sensed
signal, the loop area should be small. Thus, the FB trace and
FBRTN trace should be routed adjacent to each other on top
of the power ground plane back to the controller.
The feedback traces from the switch nodes should be connected
as close as possible to the inductor. The CSREF signal should be
connected to the output voltage at the nearest inductor to the
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com