Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 18Page - Analog Devices ADP3189 Datasheet HTML 19Page - Analog Devices ADP3189 Datasheet HTML 20Page - Analog Devices ADP3189 Datasheet HTML 21Page - Analog Devices ADP3189 Datasheet HTML 22Page - Analog Devices ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADP3189
Rev. 0 | Page 22 of 36
APPLICATION INFORMATION
The design parameters for a typical Intel VRD 11 compliant
CPU application are as follows:
•
Input voltage (VIN) = 12 V
•
VID setting voltage (VVID) = 1.300 V
•
Duty cycle (D) = 0.108
•
Nominal output voltage at no load (VONL) = 1.285 V
•
Nominal output voltage at 115 A load (VOFL) = 1.170 V
•
Static output voltage drop based on a 1.0 mΩ load line (RO)
from no load to full load (VD) = VONL − VOFL =
1.285 V − 1.170 V = 115 mV
•
Maximum output current (IO) = 130 A
•
Maximum output current step (ΔIO) = 100 A
•
Maximum output current slew-rate (SR) = 200 A/μ sec
•
Number of phases (n) = 4
•
Switching frequency per phase (fSW) = 330 kHz
SETTING THE CLOCK FREQUENCY
The ADP3189 uses a fixed-frequency control architecture.
The frequency is set by an external timing resistor (RT).
The clock frequency and the number of phases determine
the switching frequency per phase, which relates directly
to switching losses and the sizes of the inductors, and of
the input and output capacitors. With n = 4 for four phases,
a clock frequency of 1.32 MHz sets the switching frequency
(fSW) of each phase to 330 kHz, which represents a practical
trade-off between the switching losses and the sizes of the out-
put filter components. Equation 1 shows that to achieve a
1.32 MHz oscillator frequency, the correct value for RT is
181 kΩ. Alternatively, the value for RT can be calculated using
Ω
−
×
×
=
k
13
pF
9
.
3
1
SW
T
f
n
R
(1)
where 3.9 pF and 13 kΩ are internal IC component values.
For good initial accuracy and frequency stability, a 1% resistor
is recommended.
SOFT START DELAY TIME
The value of CSS sets the soft start time. The ramp is generated
with a 15 μA internal current source. The value for CSS can be
found using:
BOOT
SS
V
TD
C
2
A
15
×
μ
=
(2)
where TD2 is the desired soft start time and VBOOT is internally
set to 1.1 V. Assuming a desired TD2 time of 3 ms, CSS is 41 nF.
The closest standard value for CSS is 39 nF. Although CSS also
controls the time delay for TD4 (which is determined by the
final VID voltage), the minimum specification for TD4 is 0 ns.
This means that as long as the TD2 time requirement is met,
TD4 will be within the specification.
CURRENT LIMIT LATCH-OFF DELAY TIMES
The start-up and current limit delay times are determined by
the capacitor connected to the DELAY pin. The first step is to
set CDLY for the TD1, TD3, and TD5 delay times (see Figure 8).
The DELAY ramp (IDELAY) is generated using a 15 μA internal
current source. The value for CDLY can be approximated using:
)
(
)
(
TH
DELAY
DELAY
DLY
V
x
TD
I
C
×
=
(3)
where TD(x) is the desired delay time for TD1, TD3, and TD5.
The DELAY threshold voltage (VDELAY(TH)) is given as 1.7 V. In
this example, 2 ms is chosen for all three delay times, which
meets Intel’s specification. Solving for CDLY gives a value of
17.6 nF. The closest standard value for CDLY is 18 nF.
When the ADP3189 goes into current limit, the internal current
source changes from 15 μA to 3.75 μA. This makes the latch-off
delay time 4 times longer than the start-up delay time. Longer
latch-off delay times can be achieved by placing a resistor in
parallel with CDLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com