Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices ADP3189 Datasheet HTML 10Page - Analog Devices ADP3189 Datasheet HTML 11Page - Analog Devices ADP3189 Datasheet HTML 12Page - Analog Devices ADP3189 Datasheet HTML 13Page - Analog Devices ADP3189 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ADP3189
Rev. 0 | Page 10 of 36
Pin No.
Mnemonic
Description
21 to 25
SW5 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
26 to 30
PWM5 to PMW1
Logic-Level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the
ADP3120. Connecting the PWM3, PWM4, and/or PWM5 outputs to VCC will cause that phase to turn off,
allowing the ADP3189 to operate as a 2-, 3-, 4-, or 5-phase controller.
31
VCC
Supply Voltage for the Device.
32 to 39
VID7 to VID0
Voltage Identification DAC Inputs. These eight pins are pulled down to GND, providing a logic zero if
left open. When in normal operation mode, the DAC output programs the FB regulation voltage from
0.5 V to 1.6 V (see Table 4).
40
VIDSEL
VID DAC Selection Pin. The logic state of this pin determines whether the internal VID DAC decodes
VID0 to VID7 as extended VR10 or VR11 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com