Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices ADP3189 Datasheet HTML 31Page - Analog Devices ADP3189 Datasheet HTML 32Page - Analog Devices ADP3189 Datasheet HTML 33Page - Analog Devices ADP3189 Datasheet HTML 34Page - Analog Devices ADP3189 Datasheet HTML 35Page - Analog Devices ADP3189 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADP3189
Rev. 0 | Page 33 of 36
AC Loadline Setting
11. Remove the dc load from the circuit and hook up the
dynamic load.
12. Hook up the scope to the output voltage and set it to dc
coupling with the time scale at 100 μs/div.
13. Set the dynamic load for a transient step of about 40 A at
1 kHz with 50% duty cycle.
14. Measure the output waveform (use dc offset on scope to
see the waveform). Try to use a vertical scale of
100 mV/div or finer. This waveform should look similar
to Figure 17.
VACDRP
VDCDRP
Figure 17. AC Loadline Waveform
15. Use the horizontal cursors to measure VACDRP and VDCDRP as
shown. Do not measure the undershoot or overshoot that
happens immediately after this step.
16. If VACDRP and VDCDRP are different by more than a few
millivolts, use Equation 44 to adjust CCS. You may need to
parallel different values to get the right one since there are
limited standard capacitor values available. (It is a good
idea to have locations for two capacitors in the layout for
this.)
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(44)
17. Repeat Step 11 to Step 13 and repeat the adjustments if
necessary. Once complete, do not change CCS for the
remainder of the procedure.
Set the dynamic load step to maximum step size (do not
use a step size larger than needed) and verify that the
output waveform is square, which means that VACDRP and
VDCDRP are equal.
Initial Transient Setting
18. With the dynamic load still set at the maximum step size,
expand the scope time scale to see 2 μs/div to 5 μs/div.
The waveform can have two overshoots and one minor
undershoot (see Figure 18). Here, VDROOP is the final
desired value.
VDROOP
VTRAN1
VTRAN2
Figure 18. Transient Setting Waveform
19. If both overshoots are larger than desired, try making
the adjustments described later in this step. If these
adjustments do not change the response, you are limited
by the output decoupling. Check the output response
each time you make a change, and check the switching
nodes to make ensure that the response is still stable.
•
Make the ramp resistor larger by 25% (RRAMP).
•
For VTRAN1, increase CB or increase the switching
frequency.
•
For VTRAN2, increase RA and decrease CA by 25%.
20. For load release (see Figure 19), if VTRANREL is larger
than the allowed overshoot, there is not enough output
capacitance. Either more capacitance is needed, or the
inductor values need to be made smaller. (When changing
inductors, start the design again using a spreadsheet and
this tuning procedure.)
VDROOP
VTRANREL
Figure 19. Transient Setting Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com