Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 19Page - Analog Devices ADP3189 Datasheet HTML 20Page - Analog Devices ADP3189 Datasheet HTML 21Page - Analog Devices ADP3189 Datasheet HTML 22Page - Analog Devices ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADP3189
Rev. 0 | Page 23 of 36
INDUCTOR SELECTION
The choice of inductance for the inductor determines the ripple
current in the inductor. Less inductance leads to more ripple
current, which increases the output ripple voltage and conduction
losses in the MOSFETs, but allows using smaller inductors and,
for a specified peak-to-peak transient deviation, less total output
capacitance. Conversely, a higher inductance means lower
ripple current and reduced conduction losses, but requires
larger inductors and more output capacitance for the same
peak-to-peak transient deviation.
In any multiphase converter, a practical value for the
peak-to-peak inductor ripple current is less than 50% of
the maximum dc current in the same inductor. Equation 4
shows the relationship between the inductance, oscillator
frequency, and peak-to-peak ripple current in the inductor.
Equation 5 can be used to determine the minimum inductance
based on a given output ripple voltage.
()
L
f
D
V
I
SW
VID
R
×
−
×
=
1
(4)
()
()
RIPPLE
SW
O
VID
V
f
D
n
R
V
L
×
×
−
×
×
≥
1
(5)
Solving Equation 5 for an 8 mV p-p output ripple voltage yields
()
nH
80
2
mV
8
kHz
330
0.432
1
mΩ
1.0
V
1.3
=
×
−
×
×
≥
L
If the resulting ripple voltage is less than that designed for,
the inductor can be made smaller until the ripple value is met.
This allows optimal transient response and minimum output
decoupling.
The smallest possible inductor should be used to minimize
the number of output capacitors. For this example, choosing a
320 nH inductor is a good starting point and gives a calculated
ripple current of 11 A. The inductor should not saturate at the
peak current of 35.5 A and should be able to handle the sum of
the power dissipation caused by the average current of 30 A in
the winding and core loss.
Another important factor in the inductor design is the DCR
(RL), which is used for measuring the phase currents. A large
DCR can cause excessive power losses, while too small a value
can lead to increased measurement error. A good rule is to have
the DCR be about 1 to 1½ times the droop resistance (RO). This
example uses an inductor with a DCR of 1.4 mΩ.
DESIGNING AN INDUCTOR
Once the inductance and DCR are known, the next step is to
either design an inductor or to find a standard inductor that
comes as close as possible to meeting the overall design goals.
It is also important to have the inductance and DCR tolerance
specified to control the accuracy of the system. 15% inductance
and 7% DCR, at room temperature, are reasonable tolerances
most manufacturers can meet.
The first decision in designing the inductor is choosing the
core material. Several possibilities for providing low core loss
at high frequencies include the powder cores (for example,
Kool-Mμ® from Magnetics, Inc. or from Micrometals) and the
gapped soft ferrite cores (for example, 3F3 or 3F4 from Philips).
Low frequency powdered iron cores should be avoided due to
their high core loss, especially when the inductor value is
relatively low and the ripple current is high.
The best choice for a core geometry is a closed-loop type such
as a potentiometer core; PQ, U, or E core; or toroid. A good
compromise between price and performance is a core with
a toroidal shape.
Many useful magnetics design references are available for
quickly designing a power inductor, such as
•
Magnetic Designer Software
Intusoft (www.intusoft.com)
•
Designing Magnetic Components for High-Frequency DC-
DCConverters, by William T. McLyman, Kg Magnetics,
Inc., ISBN 1883107008
Selecting a Standard Inductor
The following power inductor manufacturers can provide design
consultation and deliver power inductors optimized for high
power applications upon request.
•
Coilcraft
www.coilcraft.com
•
Coiltronics
www.coiltronics.com
•
Sumida Electric Company
www.sumida.com
•
Vishay Intertechnology
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com