Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices ADP3189 Datasheet HTML 31Page - Analog Devices ADP3189 Datasheet HTML 32Page - Analog Devices ADP3189 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADP3189
Rev. 0 | Page 29 of 36
CURRENT LIMIT SETPOINT
FEEDBACK LOOP COMPENSATION DESIGN
To select the current limit setpoint, first find the resistor value
for RLIM. The current limit threshold for the ADP3189 is set
with a 1.7 V source (VLIM) across RLIM with a gain of 10 mV/μA
(ALIM). RLIM can be found using
CSA
LIM
LIM
LIM
LIM
R
I
V
A
R
×
×
=
(27)
Optimized compensation of the ADP3189 allows the best
possible response of the regulator’s output to a load change.
The basis for determining the optimum compensation is to
make the regulator and output decoupling appear as an output
impedance that is entirely resistive over the widest possible
frequency range, including dc, and equal to the droop resis-
tance (RO). With the resistive output impedance, the output
voltage droops in proportion to the load current at any load
current slew rate. This ensures the optimal positioning and
allows the minimization of the output decoupling.
For values of RLIM greater than 500 kΩ, the current limit may be
lower than expected, so some adjustment of RLIM is needed. Here,
ILIM is the peak average current limit for the supply output. In this
example, choosing a peak current limit of 170 A for ILIM, results
in RLIM = 100 kΩ, and 100 kΩ is chosen as the nearest 1% value.
The per-phase initial duty cycle limit and peak current during a
load step are determined by
()
RT
BIAS
MAX
COMP
MAX
V
V
V
D
D
−
×
=
(28)
With the multimode feedback structure of the ADP3189, the
feedback compensation must be set to make the converter’s
output impedance, working in parallel with the output decoup-
ling, to meet this goal. Several poles and zeros created by the
output inductor and decoupling capacitors (output filter) need
to be compensated for.
(
)
L
V
V
f
D
I
VID
IN
SW
MAX
PHMAX
−
×
≅
(29)
A type-three compensator on the voltage feedback is adequate
for proper compensation of the output filter. Equation 31 to
Equation 35 are intended to yield an optimal starting point for
the design; some adjustments may be necessary to account for
PCB and component parasitic effects (see the Tuning the
ADP3189 section).
For the ADP3189, the maximum COMP voltage (VCOMP(MAX)) is
4.0 V and the COMP pin bias voltage (VBIAS) is 1.1 V. In this
example, the maximum duty cycle is 0.61 and the peak current
is 62 A.
First, compute the time constants for all the poles and zeros in
the system, using Equation 31 to Equation 35 on the next page.
The limit of the peak per-phase current described earlier during
the secondary current limit is determined by
()
()
MAX
DS
D
BIAS
CLAMPED
COMP
PHLIM
R
A
V
V
I
×
−
≅
(30)
For the ADP3189, the current balancing amplifier gain (AD) is 5,
and the clamped COMP pin voltage is 2 V. Using an RDS(MAX) of
2.8 mΩ (low-side on resistance at 150°C) results in a per-phase
peak current limit of 64 A. This current level can be reached
only with an absolute short at the output, and the current limit
latch-off function shuts down the regulator before overheating
can occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com