Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices ADP3189 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADP3189
Rev. 0 | Page 27 of 36
Using ten 560 μF Al-Poly capacitors with a typical ESR of 6 mΩ
each yields CX = 5.6 mF with an RX = 0.6 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change.
This is tested using
()
pH
0
24
3
4
mΩ
1
μF
180
2
=
×
×
≤
×
×
≤
x
2
2
O
z
x
L
Q
R
C
L
(19)
where Q2 is limited to 4/3 to ensure a critically damped system.
In this example, LX is approximately 240 pH for the ten
A1-Polys capacitors, which satisfies this limitation. If the LX
of the chosen bulk capacitor bank is too large, the number of
ceramic capacitors may need to be increased, or lower ESL bulks
used if there is excessive undershoot during a load transient.
For this multimode control technique, all ceramic designs can
be used providing the conditions of Equation 16, Equation 17,
Equation 18, and Equation 19 are satisfied.
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3120) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3189, currents are balanced between phases, thus the
current in each low-side MOSFET is the output current divided
by the total number of MOSFETs (nSF). With conduction losses
being dominant, the following expression shows the total power
being dissipated in each synchronous MOSFET in terms of the
ripple current per phase (IR) and average total output current (IO):
()
()
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(20)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, the user can find the
required RDS(ON) for the MOSFET. For D-PAK MOSFETs up to
an ambient temperature of 50°C, a safe limit for PSF is 1 W to
1.5 W at 120°C junction temperature. Thus, for this example
(119 A maximum), RDS(SF) (per MOSFET) < 7.5 mΩ. This RDS(SF)
is also at a junction temperature of about 120°C, so be certain to
account for this when making this selection. This example uses
two lower-side MOSFETs at 4.8 mΩ, each at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.
Also, the time to switch the synchronous MOSFETs off should
not exceed the nonoverlap dead time of the MOSFET driver
(40 ns typical for the ADP3120). The output impedance of the
driver is approximately 2 Ω, and the typical MOSFET input gate
resistances are about 1 Ω to 2 Ω, so a total gate capacitance of
less than 6000 pF should be adhered to. Since there are two
MOSFETs in parallel, the input capacitance for each synchronous
MOSFET should be limited to 3000 pF.
The high-side (main) MOSFET has to be able to handle two
main power dissipation components: conduction and switching
losses. The switching loss is related to the amount of time it
takes for the main MOSFET to turn on and off, and to the
current and voltage that are being switched. Basing the switching
speed on the rise and fall time of the gate driver impedance and
MOSFET input capacitance, the following expression provides
an approximate value for the switching loss per main MOSFET,
where nMF is the total number of main MOSFETs:
()
ISS
MF
G
MF
O
CC
SW
MF
S
C
n
n
R
n
I
V
f
P
×
×
×
×
×
×
= 2
(21)
where RG is the total gate resistance (2 Ω for the ADP3120 and
about 1 Ω for typical high speed switching MOSFETs, making
RG = 3 Ω), and CISS is the input capacitance of the main MOSFET.
Adding more main MOSFETs (nMF) does not help the switching
loss per MOSFET, since the additional gate capacitance slows
switching. Use lower gate capacitance devices to reduce
switching loss.
The conduction loss of the main MOSFET is given by the
following, where RDS(MF) is the on resistance of the MOSFET:
()
()
MF
DS
MF
R
MF
MF
C
R
n
I
n
n
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
2
2
O
12
1
I
(22)
Typically, for main MOSFETs, the highest speed (low CISS)
device is preferred, but these usually have higher on resistance.
Select a device that meets the total power dissipation (about
1.5 W for a single D-PAK) when combining the switching and
conduction losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com