Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 21Page - Analog Devices ADP3189 Datasheet HTML 22Page - Analog Devices ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADP3189
Rev. 0 | Page 25 of 36
1.
Compute the relative values for RCS1, RCS2, and RTH using
(
)
()
()
()
(
)
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(8)
()
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
(9)
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(10)
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor k based
on the ratio of the actual thermistor value used relative to
the computed one:
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(11)
2.
Calculate values for RCS1 and RCS2 using Equation 12 and
Equation 13:
CS1
CS
CS1
r
k
R
R
×
×
=
(12)
(
) (
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(13)
In this example, RCS was calculated to be 114 kΩ. Look for an
available 100 kΩ thermistor, 0603 size. One such thermistor
is the Vishay NTHS0603N01N1003JR NTC thermistor with
A = 0.3602 and B = 0.09174. From these values, compute
rCS1 = 0.3795, rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kΩ, so 100 kΩ is chosen, making
k = 0.816. Next find RCS1 and RCS2 to be 35.3 kΩ and 87.9 kΩ.
Finally, choose the closest 1% resistor values, which yields a
choice of 35.7 kΩ and 88.7 kΩ.
LOAD LINE SETTING
For load line values greater than 1 mΩ, RCSA can be set equal
to RO, and the LLSET pin can be directly connected to the
CSCOMP pin. When the load line value needs to be less than
1 mΩ, two additional resistors are required. Figure 13 shows
the placement of these resistors.
CSREF
LLSET
CSSUM
CSCOMP
16
15
17
ADP3189
14
RLL1
RLL2
QLL
OPTIONAL LOAD LINE
SELECT SWITCH
Figure 13. Load Line Setting Resistors
The two resistors RLL1 and RLL2 set up a divider between the
CSCOMP pin and CSREF pin. This resistor divider is input into
the LLSET pin to set the load line slope RO of the VR according
to the following equation:
CSA
LL
LL
LL
O
R
R
R
R
R
×
+
=
2
1
2
(14)
For best results, start with a 1% resistor of 20.0 kΩ for RLL2.
Then, solve for the required value of RLL1 by rearranging
Equation 14 as follows:
CSA
LL
LL
LL
O
R
R
R
R
R
×
+
=
2
1
2
Another useful feature for some VR applications is the ability to
select different load lines. Figure 13 shows an optional MOSFET
switch that allows this. Here, design for RCSA = RO(MAX) (selected
with QLL on) and then use Equation 14 to set RO = RO(MIN)
(selected with QLL off).
For this design, RCSA = RO = 1 mΩ, so connect LLSET directly to
CSCOMP, and the resistors RLL1 and RLL2 are not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com