Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 20Page - Analog Devices ADP3189 Datasheet HTML 21Page - Analog Devices ADP3189 Datasheet HTML 22Page - Analog Devices ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADP3189
Rev. 0 | Page 24 of 36
CURRENT SENSE AMPLIFIER
Most designs require the regulator output voltage, measured at
the CPU pins, to drop when the output current increases. The
specified voltage drop corresponds to a dc output resistance (RO),
also referred to as a load line. The ADP3189 has the flexibility of
adjusting RO, independent of current limit or compensation
components, and it can also support CPUs that do not require
a load line.
For designs requiring a load line, the impedance gain of the
CS amplifier (RCSA) must be to be greater than or equal to the load
line. All designs, whether they have a load line or not, should
keep RCSA ≥ 1 mΩ.
The output current is measured by summing the voltage across
each inductor and passing the signal through a low-pass filter.
This summer filter is the CS amplifier configured with resistors
RPH(X) (summers), and RCS and CCS (filter). The impedance gain
of the regulator is set by the following equations, where RL is the
DCR of the output inductors:
()
L
x
PH
CS
CSA
R
R
R
R
×
=
(6)
CS
L
CS
R
R
L
C
×
=
(7)
The user has the flexibility of choosing either RCS or RPH(X).
However, it is best to select RCS equal to 100 kΩ, and then solve
for RPH(X) by rearranging Equation 6. Here RCSA = RO = 1 mΩ
since this is equal to our design loadline.
()
()
Ω
k
140
Ω
k
100
mΩ
0
.
1
Ω
m
4
.
1
=
×
=
×
=
x
PH
CS
CSA
L
x
PH
R
R
R
R
R
Next, use Equation 7 to solve for CCS.
nF
8
2
.
2
Ω
k
100
Ω
m
4
.
1
nH
320
=
×
=
CS
C
It is best to have a dual location for CCS in the layout so that
standard values can be used in parallel to get as close to the
value desired. For best accuracy, CCS should be a 5% or 10%
NPO capacitor. This example uses a 5% combination for CCS
of two 1 nF capacitors in parallel. Recalculating RCS and RPH(X)
using this capacitor combination yields 114 kΩ and 160 kΩ.
The closest standard 1% value for RPH(X) is 158 kΩ.
INDUCTOR DCR TEMPERATURE CORRECTION
With the inductor’s DCR is used as the sense element and
copper wire is the source of the DCR, the user needs to
compensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor’s DCR. Due to the nonlinear
nature of NTC thermistors, resistors RCS1 and RCS2 are needed.
See Figure 12 to linearize the NTC and produce the desired
temperature tracking.
CSREF
CSSUM
CSCOMP
17
16
18
CCS1
CCS2
RCS1
RCS2
RPH1
RTM
RPH2
RPH3
PLACE AS CLOSE AS POSSIBLE
TO THE NEAREST INDUCTOR
KEEP THIS PATH
AS SHORT AS
POSSIBLE AND
WELL AWAY FROM
SWITCH NODE LINES
ADP3189
Figure 12. Temperature Compensation Circuit Values
The following procedure and expressions yield values to use
for RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given
RCS value.
1.
Select an NTC based on type and value. Since the value
is unknown, use a thermistor with a value close to RCS.
The NTC should also have an initial tolerance of better
than 5%.
2.
Based on the type of NTC, find its relative resistance value
at two temperatures. The temperatures that work well are
50°C and 90°C. These resistance values are called
A (RTH(50°C))/RTH(25°C)) and B (RTH(90°C))/RTH(25°C)). The NTC’s
relative value is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
are called r1 (1/(1 + TC × (T1 − 25))) and r2 (1/(1 + TC ×
(T2 − 25))), where TC = 0.0039 for copper. T1 = 50°C and
T2 = 90°C are chosen. From this, calculate that r1 = 0.9112
and r2 = 0.7978.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com