Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 10Page - Analog Devices ADP3189 Datasheet HTML 11Page - Analog Devices ADP3189 Datasheet HTML 12Page - Analog Devices ADP3189 Datasheet HTML 13Page - Analog Devices ADP3189 Datasheet HTML 14Page - Analog Devices ADP3189 Datasheet HTML 15Page - Analog Devices ADP3189 Datasheet HTML 16Page - Analog Devices ADP3189 Datasheet HTML 17Page - Analog Devices ADP3189 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADP3189
Rev. 0 | Page 14 of 36
To increase the current in any given phase, enlarge RSW for that
phase (make RSW = 0 for the hottest phase and do not change
during balancing). Increasing RSW to only 500 Ω makes a
substantial increase in phase current. Increase each RSW value
by small amounts to achieve balance, starting with the coolest
phase first.
VOLTAGE CONTROL MODE
A high gain-bandwidth voltage mode error amplifier is used for
the voltage-mode control loop. The control input voltage to the
positive input is set via the VID logic according to the voltages
listed in Table 4.
This voltage is also offset by the droop voltage for active
positioning of the output voltage as a function of current,
commonly known as active voltage positioning. The output
of the amplifier is the COMP pin, which sets the termination
voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
a resistor RB and is used for sensing and controlling the output
voltage at this point. A current source from the FB pin flowing
through RB is used for setting the no-load offset voltage from
the VID voltage. The no-load voltage is negative with respect to
the VID DAC. The main loop compensation is incorporated
into the feedback network between FB and COMP.
DELAY TIMER
The delay times for the start-up timing sequence are set with
a capacitor from the DELAY pin to ground. In UVLO, or when
EN is logic low, the DELAY pin is held at ground. After the
UVLO and EN signals are asserted, the first delay time (TD1 in
Figure 8) is initiated. A 15 μA current flows out of the DELAY
pin to charge CDLY. A comparator monitors the DELAY voltage
with a threshold of 1.7 V. The delay time is therefore set by the
15 μA charging a capacitor from 0 V to 1.7 V. This DELAY pin
is used for multiple delay timings (TD1, TD3, and TD5) during
the start-up sequence. Also, DELAY is used for timing the
current limit latch off, as explained in the Current Limit, Short
Circuit, and Latch-Off Protection section.
SOFT START
The Soft Start times for the output voltage are set with a capacitor
from the SS pin to ground. After TD1 and the phase detection
cycle have been completed, the SS time (TD2 in Figure 8) starts.
The SS pin is disconnected from GND, and the capacitor is
charged up to the 1.1 V boot voltage by the SS amplifier, which
has a limited output current of 15 μA. The voltage at the FB pin
follows the ramping voltage on the SS pin, limiting the inrush
current during start-up. The soft start time depends on the
value of the boot voltage and CSS.
Once the SS voltage is within 100 mV of the boot voltage, the
boot voltage delay time (TD3) is started. The end of the boot
voltage delay time signals the beginning of the second soft start
time (TD4). The SS voltage now changes from the boot voltage
to the programmed VID DAC voltage (either higher or lower)
using the SS amplifier with the limited output current of 15 μA.
The voltage of the FB pin follows the ramping voltage of the SS
pin, limiting the inrush current during the transition from the
boot voltage to the final DAC voltage. The second soft start
time depends on the boot voltage, the programmed VID DAC
voltage, and CSS.
If either EN is taken low or VCC drops below UVLO, DELAY
and SS are reset to ground to be ready for another soft start
cycle. Figure 9 shows typical start-up waveforms for the
ADP3189.
CH1 1.0V
CH2 1.0V
CH3 1.0V
CH4 10.0V
M2.00ms
A CH1
500V
1
3
2
4
T 22.0%
Figure 9. Typical Start-up Waveforms
Channel 1: CSREF, Channel 2: DELAY,
Channel 3: SS, Channel 4: Phase 1 Switch Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com