Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices ADP3189 Datasheet HTML 31Page - Analog Devices ADP3189 Datasheet HTML 32Page - Analog Devices ADP3189 Datasheet HTML 33Page - Analog Devices ADP3189 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADP3189
Rev. 0 | Page 30 of 36
The first step is to compute the time constants for all of the poles and zeros in the system:
(
)
VID
O
X
RT
VID
RT
L
DS
D
O
E
V
R
C
n
V
D
n
L
V
V
R
R
A
R
n
R
×
×
×
×
×
−
×
×
+
×
+
×
+
×
=
1
2
(
)
Ω
m
9
.
2
2
V
1.3
Ω
m
1
mF
6
.
5
4
V
51
0.
0.432
1
nH
320
2
V
1.3
V
51
0.
Ω
m
1.4
Ω
m
2.4
5
Ω
m
1
4
=
×
×
×
×
−
×
×
+
×
+
×
+
×
=
E
R
(31)
()
()
μs
0
0
.
3
Ω
m
0.6
Ω
m
0.5
Ω
m
1
Ω
m
1
pH
0
24
Ω
m
0.5
Ω
m
1
mF
6
.
5
'
'
=
−
×
+
−
×
=
−
×
+
−
×
=
X
O
O
X
O
X
A
R
R
R
R
L
R
R
C
T
(32)
(
)
(
)
ns
0
6
5
mF
6
.
5
Ω
m
1
Ω
m
0.5
Ω
m
0.6
'
=
×
−
+
=
×
−
+
=
X
O
X
B
C
R
R
R
T
(33)
μs
17
.
5
Ω
m
9
.
2
2
V
1.3
kHz
330
2
Ω
m
2.4
5
nH
320
V
51
0.
2
=
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
−
×
=
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
−
×
=
E
VID
SW
DS
D
RT
C
R
V
f
R
A
L
V
T
(34)
()
(
)
()
ns
8
33
Ω
m
1
μF
180
Ω
m
0.5
Ω
m
1
mF
6
.
5
Ω
m
1
μF
180
mF
6
.
5
'
2
2
=
×
+
−
×
×
×
=
×
+
−
×
×
×
=
O
Z
O
X
O
Z
X
D
R
C
R
R
C
R
C
C
T
(35)
where, for the ADP3189,
R' is the PCB resistance from the bulk capacitors to the ceramics and where RDS is the total low-side MOSFET
on resistance per phase. In this example,
AD is 5, VRT equals 0.51 V, R' is approximately 0.5 mΩ (assuming a 4-layer, 1 ounce mother-
board), and
LX is 240 pH for the ten Al-Poly capacitors.
The compensation values can then be solved using
pF
524
Ω
k
00
1.
Ω
m
9
.
2
2
μs
0
0
.
3
Ω
m
1
4
=
×
×
×
=
×
×
×
=
B
E
A
O
A
R
R
T
R
n
C
(36)
Ω
k
87
.
9
pF
524
μs
17
.
5
=
=
=
A
C
A
C
T
R
(37)
pF
560
Ω
k
00
1.
ns
0
6
5
=
=
=
B
B
B
R
T
C
(38)
pF
2
.
34
Ω
k
87
.
9
ns
8
33
=
=
=
A
D
FB
R
T
C
(39)
These are the starting values prior to tuning the design to account for layout and other parasitic effects (see the Tuning the ADP3189
section). The final values selected after tuning are
CA = 560 pF
RA = 10.0 kΩ
CB = 560 pF
CFB = 27 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com