Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 3Page - Analog Devices ADP3189 Datasheet HTML 4Page - Analog Devices ADP3189 Datasheet HTML 5Page - Analog Devices ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices ADP3189 Datasheet HTML 10Page - Analog Devices ADP3189 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADP3189
Rev. 0 | Page 7 of 36
TEST CIRCUITS
EN
PWRGD
FBRTN
FB
COMP
SS
DELAY
VRFAN
VRHOT
TTSENSE
PWM1
PWM2
PWM3
PWM4
PWM5
SW1
SW2
SW3
SW4
SW5
8-BIT CODE
10nF
1
μF
10nF
100nF
12V
20k
Ω
250k
Ω
1k
Ω
100nF
ADP3189
40
1
1.25V
+
Figure 2. Closed-Loop Output Voltage Accuracy
CSSUM
17
CSCOMP
16
31
VCC
CSREF
15
GND
18
39k
Ω
100nF
1k
Ω
1.25V
ADP3189
12V
VOS =
CSCOMP – 1.25V
40
Figure 3. Current Sense Amplifier VOS
CSREF
14
LLSET
15
31
VCC
GND
18
ADP3189
12V
ΔV
10k
Ω
1.25V
FB
5
COMP
4
VID
DAC
+
–
Figure 4. Positioning Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com