Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP3189 Datasheet HTML 22Page - Analog Devices ADP3189 Datasheet HTML 23Page - Analog Devices ADP3189 Datasheet HTML 24Page - Analog Devices ADP3189 Datasheet HTML 25Page - Analog Devices ADP3189 Datasheet HTML 26Page - Analog Devices ADP3189 Datasheet HTML 27Page - Analog Devices ADP3189 Datasheet HTML 28Page - Analog Devices ADP3189 Datasheet HTML 29Page - Analog Devices ADP3189 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADP3189
Rev. 0 | Page 26 of 36
OUTPUT OFFSET
The Intel specification requires that at no load the nominal
output voltage of the regulator is offset to a value lower than
the nominal voltage corresponding to the VID code. The offset
is set by a constant current source flowing out of the FB pin (IFB)
and flowing through RB. The value of RB can be found using
Equation 15:
FB
ONL
VID
B
I
V
V
R
−
=
Ω
k
00
.
1
μA
15
V
285
.
1
V
3
.
1
=
−
=
B
R
(15)
The closest standard 1% resistor value is 1.00 kΩ.
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by Intel for various processors and platforms.
Use some simple design guidelines to determine the require-
ments. These guidelines are based on having both bulk
capacitors and ceramic capacitors in the system.
First, select the total amount of ceramic capacitance. This is
based on the number and type of capacitor to be used. The best
location for ceramic capacitors is inside the socket, with 12 to
18 of size, 1206 being the physical limit. Other capacitors can be
placed along the outer edge of the socket as well.
To aid in determining the minimum amount of ceramic
capacitance required, start with a worst-case load step occur-
ring right after a switching cycle has stopped. The ceramic
capacitance then delivers the charge to the load while the load
is ramping up and until the VR has responded with the next
switching cycle.
The following equation gives the designer a rough
approximation for determining the minimum ceramic
capacitance needed. Due to the complexity of the PCB
parasitics and bulk capacitors, the actual amount of ceramic
capacitance required may vary.
()
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟
⎠
⎞
⎜
⎝
⎛ −
×
×
≥
R
O
SW
O
MIN
Z
S
I
D
n
f
R
C
2
Δ
1
1
1
(16)
The typical ceramic capacitors used are made up of multiple
10 μF or 22 μF capacitors. For this example, Equation 16 yields
180.8 μF, so eighteen 10 uF ceramics will suffice.
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when the user considers the VID on-the-
fly voltage stepping of the output (voltage step V
A lower limit is based on meeting the capacitance for load
release for a given maximum load step ΔIO and a maximum
allowable overshoot. The total amount of load release voltage
is given as Δ
VO = ΔIO × RO + ΔVrl, where ΔVrl is the maximum
allowable overshoot voltage.
()
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
Δ
+
×
×
≥
z
VID
O
rl
O
O
MIN
x
C
V
I
V
R
n
I
L
C
Δ
(17)
() ≤
MAX
x
C
(18)
z
O
V
VID
v
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
V
ERR
V
V
1n
K
where
To meet the conditions of these expressions and transient
response, the ESR of the bulk capacitor bank (RX) should be less
than two times the droop resistance (RO). If the CX(MIN) is larger
than CX(MAX), the system cannot meet the VID on-the-fly speci-
fication and can require the use of a smaller inductor or more
phases (and may have to increase the switching frequency to
keep the output ripple the same).
This example uses eighteen 10 μF 1206 MLC capacitors
(CZ = 180 F). The VID on-the-fly step change is 450 mV in
230 μs with a setting error of 2.5 mV. The maximum allowable
load release overshoot for this example is 50 mV, therefore
solving for the bulk capacitance yields
()
mF
92
.
3
μF
180
V
3
.
1
A
100
mV
50
mΩ
0
.
1
4
A
100
nH
320
=
⎟⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
×
≤
MIN
x
C
()
()
×
×
×
×
×
≤
V
3
.
1
Ω
m
0
.
1
2
.
5
4
mV
450
nH
320
2
2
MAX
x
C
mF
0
43
μF
180
1
nH
320
mV
450
Ω
m
0
1
2
5
4
3
1
μs
230
1
2
.
.
.
V
.
=
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
×
+
V
in time tV
with error of VERR).
where K = 5.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com