Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 5 Page - Analog Devices

  ADP3189 Datasheet HTML 1Page - Analog Devices ADP3189 Datasheet HTML 2Page - Analog Devices ADP3189 Datasheet HTML 3Page - Analog Devices ADP3189 Datasheet HTML 4Page - Analog Devices ADP3189 Datasheet HTML 5Page - Analog Devices ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADP3189
Rev. 0 | Page 5 of 36
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CURRENT BALANCE AMPLIFIER
Common Mode Range
VSW(X)CM
−600
+200
mV
Input Resistance
RSW(X)
SWx = 0 V
35
50
65
kΩ
Input Current
ISW(X)
SWx = 0 V
2.5
4.0
5.5
μA
Input Current Matching
ΔI
SW(X)
SWx = 0 V
−5
+5
%
CURRENT LIMIT COMPARATOR
Output Voltage
VILIMIT
RILIMIT = 143 kΩ
1.6
1.7
1.8
V
Output Current
IILIMIT
RILIMIT = 143 kΩ
12
μA
Maximum Output Current2
60
μA
Current Limit Threshold Voltage
VCL
VCSREF − VCSCOMP, RILIMIT = 143 kΩ
105
120
135
mV
Current Limit Setting Ratio
VCL/IILIMIT
10
mV/μA
DELAY TIMER
Normal Mode Output Current
IDELAY
12
15
18
μA
Output Current in Current Limit
IDELAY(CL)
3.0
3.75
4.5
μA
Threshold Voltage
VDELAY(TH)
1.6
1.7
1.8
V
SOFT START
Output Current
ISS
During start-up
12
15
18
μA
ENABLE INPUT
Threshold Voltage
VTH(EN)
800
850
900
mV
Hysteresis
VHYS(EN)
80
100
120
mV
Input Current
IIN(EN)
−1
+1
μA
Delay Time
tDELAY(EN)
EN > 950 mV, CDELAY = 10 nF
2
ms
OD OUTPUT
Output Low Voltage
VOL(
OD
)
100
500
mV
Output High Voltage
VOH(
OD
)
4
5
V
THERMAL THROTTLING CONTROL
TTSENSE Voltage Range
Internally limited
0
5.3
V
TTSENSE VRFAN Threshold Voltage
1.08
1.11
1.14
V
TTSENSE VRHOT Threshold Voltage
780
810
840
mV
TTSENSE Hysteresis
55
mV
TTSENSE Input Current
−105
−120
−135
μA
VRFAN Output Low Voltage
VOL(VRFAN)
I VRFAN (SINK) = −4 mA
150
300
mV
VRHOT Output Low Voltage
VOL(VRHOT)
I VRHOT (SINK) = −4 mA
150
300
mV
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
−200
−250
−300
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
100
150
200
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = −4 mA
150
300
mV
Power Good Delay Time
During Soft Start2
CDELAY = 10 nF
2
ms
VID Code Changing
100
400
μs
VID Code Static
200
ns
Crowbar Trip Point
VCROWBAR
Relative to nominal DAC output
100
150
200
mV
Crowbar Reset Point
Relative to FBRTN
320
375
430
mV
Crowbar Delay Time
tCROWBAR
Overvoltage to PWM going low
VID Code Changing
100
400
μs
VID Code Static
400
ns
PWM OUTPUTS
Output Low Voltage
VOL(PWM)
IPWM(SINK) = −400 μA
160
500
mV
Output High Voltage
VOH(PWM)
IPWM(SOURCE) = 400 μA
4.0
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com