Electronic Components Datasheet Search
  English  ▼

X  

ADP3189 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3189
Description  8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3189 Datasheet(HTML) 1 Page - Analog Devices

  ADP3189 Datasheet HTML 1Page - Analog Devices ADP3189 Datasheet HTML 2Page - Analog Devices ADP3189 Datasheet HTML 3Page - Analog Devices ADP3189 Datasheet HTML 4Page - Analog Devices ADP3189 Datasheet HTML 5Page - Analog Devices ADP3189 Datasheet HTML 6Page - Analog Devices ADP3189 Datasheet HTML 7Page - Analog Devices ADP3189 Datasheet HTML 8Page - Analog Devices ADP3189 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
8-Bit Programmable 2- to 5-Phase
Synchronous Buck Controller
ADP3189
FEATURES
Selectable 2-, 3-, 4-, or 5-phase operation at up
to 1 MHz per phase
±7.7 mV worst-case differential sensing error over
temperature
Logic-level PWM outputs for interface to external
high-power drivers
Active current balancing between all output phases
Built-in power good/crowbar blanking supports on-the-fly
VID code changes
Digitally programmable 0.5 V to 1.6 V output— supports
both VR10.x and VR11 specifications
Programmable short-circuit protection with programmable
latch-off delay
APPLICATIONS
Desktop PC power supplies for
Next generation Intel® processors
VRM modules
GENERAL DESCRIPTION
The ADP31891 is a highly efficient multi-phase synchronous
buck switching regulator controller optimized for converting a
12 V main supply into the core supply voltage required by high
performance Intel processors. It uses an internal 8-bit DAC to
read a voltage identification (VID) code directly from the
processor, which is used to set the output voltage between 0.5 V
and 1.6 V.
This device uses a multi-mode PWM architecture to drive the
logic-level outputs at a programmable switching frequency that
can be optimized for VR size and efficiency. The phase relation-
ship of the output signals can be programmed to provide 2-, 3-,
4-, or 5-phase operation, allowing for the construction of up to
five complementary buck switching stages.
The ADP3189 also includes programmable no-load offset and
slope functions to adjust the output voltage as a function of the
load current, so it is optimally positioned for a system transient.
The ADP3189 also provides accurate and reliable short-circuit
protection, adjustable current limiting, and a delayed power
good output that accommodates on-the-fly output voltage
changes requested by the CPU.
ADP3189 is specified over the extended commercial tem-
perature range of 0°C to +85°C and is available in a
40-lead LFCSP package.
1 Protected by U.S. Patent Number 6,683,441; others pending.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP3189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL AD-ADP3180JRU-REEL Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3180JRU-REEL7 AD-ADP3180JRU-REEL7 Datasheet
529Kb / 20P
6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV.0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
ADP3181JRQZ-RL AD-ADP3181JRQZ-RL Datasheet
541Kb / 24P
5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
7/05-Rev. 0 to Rev. A
More results

Similar Description - ADP3189

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
5-Bit Programmable 2-Phase Synchronous Buck Controller
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
5-Bit Programmable 2-Phase Synchronous Buck Controller
05/02-Data Sheet changed from REV. A to REV. B.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com