Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 15Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 16Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 17Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 18Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 21Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 132 page
background image
50 Functional Description (Continued)
SA Transparency also overrides the Long and Short Ad-
dressing enables For example if Long Addressing is not
enabled it is still possible to transmit frames with Long Ad-
dresses Similarly if Short Addressing is not enabled it is
still possible to transmit Frames with Short Addresses This
may be useful in full duplex point to point applications and
for diagnostic purposes
Source Address Most Significant Bit Transparency
With the Source Address MSB Transparency option the
MSB of the SA is sourced from the data stream as opposed
to being transmitted as Zero The SA MSB Transparency
option is selected by asserting signal SAIGT (Pin 11)
Unless the Source Address Transparency option is also se-
lected the rest of the SA is generated by the Ring Engine
The MSB of the SA is used to denote the presence of the
Routing Information Field used in Source Routing algo-
rithms (as in the IEEE 8025 protocol) This option is useful
for stations that utilize Source Routing In these applica-
tions the SA can still be generated by the Ring Engine
even when routing information is inserted into the data
stream
Void Stripping
This option is useful for removing bridged and ownerless
frames and remnants (fragments) from the ring
In the Void Stripping protocol two My
Void frames are
transmitted at the end of a service opportunity Stripping
continues until one of the following conditions occur
 One My Void frames returns (The Second My Void
will be stripped on the basis of the SA)
 A Token is received
 An Other Void is received
 A MAC frame other than My Claim is received
 A MAC Reset occurs
If any frame of a Service Opportunity requests this option
then all frames on that service opportunity will be stripped
using this method Void Stripping is invoked upon the asser-
tion of the STRIP signal (Pin 13) at the beginning of a frame
transmission
Void Stripping is also automatically invoked by this station if
it wins the Claim Process before the initial token is issued
This removes all fragments and ownerless frames from the
ring when the ring becomes operational
FCS Transparency
Normally the BMAC device generates and transmits the
FCS When the Frame Check Sequence Transparency op-
tion is selected the Ring Engine device does not append
the FCS to the end of the Information field This option is
selected by asserting signal FCST (Pin 14)
The receiving stations treat the last four bytes of the data
stream as the FCS
This option may be useful for end to end FCS coverage
when crossing FDDI bridges for diagnostic purposes or in
Implementer frames
54 FRAME VALIDITY PROCESSING
A valid frame is a frame that meets the minimum length
criteria and contains an integral number of data symbol
pairs between the Starting and Ending Delimiters as shown
in Table 5-4
On the Transmit side frames are checked to see that they
are of a minimum length If the end of a frame is reached
before a valid length is transmitted the frame will be abort-
ed and a Void frame will be transmitted (as with all aborted
frames) A MAC frame with a zero length INFO field will not
be aborted even though the Receiver will not recognize it as
a valid frame Frame lengths are not checked for the maxi-
mum allowable length (4500 bytes)
Also on the Transmit side the L bit in the FC field is
checked against the ESA and ELA bits in the Option Regis-
ter (if the SA Transparency option is not selected) to insure
that a frame of that address length can be transmitted If the
selected address length is not enabled the frame is aborted
at the beginning of the SA field If SA Transparency is se-
lected the frame is not aborted
TABLE 5-4 Valid Frame Length
Frame Types
Short Address
Long Address
Notes
(Minimum Number of Bytes)
Void
9
17
MAC
13
21
Including a 4 Byte
INFO Field
Non-MAC
9
17
Including a 0 Byte
INFO Field
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com