Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 50Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 132 page
background image
60 Control Information (Continued)
Programmable Group Address MAP (PGM0 – PGM1F)
If the first 40 bits of a long DA DA(47 – 8) match the GLA or if the first 8 bits of a short DA DA(15 – 8) match the GSA the last 8
bits of the DA are used as an index into PGM
The 8-bit index into PGM can be viewed in two different ways
1 As 8 bits selecting one of 256 bits where the hexidecimal equivalent of DA(7 – 0) can be used as the index For example a DA
with the last byte as A2h indexes PGM(A2)
2 As 5 bits DA(7 – 3) selecting the byte (PGM0 to PGM1F) and three bits DA(2 – 0) selecting one of 8 bits within a byte For
example a DA with the last byte of A2h (1010 0010b) selects PGM14 bit 2
It is possible to disable Long and Short Group Addressing by filling the Group Address Map with 0’s
In REV 1 of the BMAC device PGM(00) to PGM(7F) are hardwired to 0 and are not accessible via the Control Interface This
implies that group addresses with DA(7) e 0 can not be recognized
In REV 2 of the BMAC device PGM(00) to PGM(7F) are set equal to PGM(80) to PGM(FF) and are accessible via the Control
Interface This implies that DA(7) of group addresses is a don’t care
ACCESS RULES
Address
Read
Write
70 – 7Fh
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
PGM0
PGM(7)
PGM(6)
PGM(5)
PGM(4)
PGM(3)
PGM(2)
PGM(1)
PGM(0)
PGM1
PGM(F)
PGM(E)
PGM(D)
PGM(C)
PGM(B)
PGM(A)
PGM(9)
PGM(8)
PGM2
PGM(17)
PGM(16)
PGM(15)
PGM(14)
PGM(13)
PGM(12)
PGM(11)
PGM(10)
PGM3
PGM(1F)
PGM(1E)
PGM(1D)
PGM(1C)
PGM(1B)
PGM(1A)
PGM(19)
PGM(18)
PGM4
PGM(27)
PGM(26)
PGM(25)
PGM(24)
PGM(23)
PGM(22)
PGM(21)
PGM(20)
PGM5
PGM(2F)
PGM(2E)
PGM(2D)
PGM(2C)
PGM(2B)
PGM(2A)
PGM(29)
PGM(28)
PGM6
PGM(37)
PGM(36)
PGM(35)
PGM(34)
PGM(33)
PGM(32)
PGM(31)
PGM(30)
PGM7
PGM(3F)
PGM(3E)
PGM(3D)
PGM(3C)
PGM(3B)
PGM(3A)
PGM(39)
PGM(38)
PGM8
PGM(47)
PGM(46)
PGM(45)
PGM(44)
PGM(43)
PGM(42)
PGM(41)
PGM(40)
PGM9
PGM(4F)
PGM(4E)
PGM(4D)
PGM(4C)
PGM(4B)
PGM(4A)
PGM(49)
PGM(48)
PGMA
PGM(57)
PGM(56)
PGM(55)
PGM(54)
PGM(53)
PGM(52)
PGM(51)
PGM(50)
PGMB
PGM(5F)
PGM(5E)
PGM(5D)
PGM(5C)
PGM(5B)
PGM(5A)
PGM(59)
PGM(58)
PGMC
PGM(67)
PGM(66)
PGM(65)
PGM(64)
PGM(63)
PGM(62)
PGM(61)
PGM(60)
PGMD
PGM(6F)
PGM(6E)
PGM(6D)
PGM(6C)
PGM(6B)
PGM(6A)
PGM(69)
PGM(68)
PGME
PGM(77)
PGM(76)
PGM(75)
PGM(74)
PGM(73)
PGM(72)
PGM(71)
PGM(70)
PGMF
PGM(7F)
PGM(7E)
PGM(7D)
PGM(7C)
PGM(7B)
PGM(7A)
PGM(79)
PGM(78)
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com