Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 27Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 28Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 29Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 132 page
background image
60 Control Information (Continued)
Revision Register (Rev)
The Revision Register (Rev) contains the revision number of the BMAC device
ACCESS RULES
Address
Read
Write
07h
Always
Data Ignored
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
Bit
Symbol
Description
D0 – 7
REV
Revision Number
Bits D0 – 7 contain the version ID of the BMAC device
Software should consult this register for any software-specific issues related to the current version
00h reserved
01h Initial Release
02h First Revision
 Programmable Group Address Modification
 Not copied count does not increment on reception of NSA frames with AreS
 Detection of Idle on reception of nl
 Generation of ODD Parity at all times
 Reset of Latency Count on initiation of new measurement
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com