Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 7Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 8Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 9Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 10Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 11Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 12Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 13Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 14Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
40 FDDI MAC Facilities (Continued)
Frames Generated Externally
The Ring Engine transmits frames passed to it from the Sys-
tem Interface The data portion of the frame is created by
the System Interface This begins with the FC field and ends
with the last byte of the INFO field The FC field is passed
transparently to the ring The length bit in the FC field is
used to determine the length of the transmitted addresses
The data is passed as a byte stream across the MAC Re-
quest Interface as shown in Table 4-5
Before the frame is transmitted the Ring Engine inserts the
Start of Frame Sequence with at least 8 bytes of Preamble
but no more than 40 bytes of Preamble The starting delimi-
ter is transmitted as a JK symbol pair The Source Address
is normally transmitted by the Ring Engine since it uses the
Source Address to strip the frame from the ring This can be
overridden by using the Source Address transparency capa-
bility Similarly the Frame Check Sequence (4 bytes) is nor-
mally transmitted by the Ring Engine This can be overrid-
den with the FCS transparency capability With FCS trans-
parency the FCS is transmitted from the data stream The
End of Frame Sequence is always transmitted by the Ring
Engine as TR RR
Frames transmitted by the Ring Engine must have a valid
DA and SA field If the end of a frame is reached before a
valid length is transmitted the frame will be aborted and a
Void frame will be transmitted
TABLE 4-5 Frame Formats
Field
Size
MA
Request
PH
Request
PA
t
8 s40
Idle Pairs
SD
1
JK
FC
1
FC
FC
DA
2 or 6
DA
DA
SA
2 or 6
SA
MSA MLA
or SA
INFO
t
0
INFO
INFO
FCS
4 if Present
FCS
FCS
ED
1
TR
FS
1
RR
Frames Generated by the Ring Engine
The Ring Engine generates and detects several frames in
order to attain and maintain an operational ring
Void Frames
Void frames are used during normal operation The Ring
Engine generates two types of void frames regular Void
frames and My
Void frames See Table 4-6
If short addressing is enabled Void frames with the short
address are transmitted otherwise Void frames with the
long address are transmitted
Void frames are transmitted in order to reset the Valid
Transmission timers (TVX) in other stations in order to elimi-
nate an unnecessary entry to the Claim state Stations are
not required to copy Void frames Void frames are transmit-
ted by the Ring Engine in two situations
1 While holding a token when no data is ready to be trans-
mitted
2 After a frame transmission is aborted
My
Void frames are transmitted by the Ring Engine in
three situations
1 After a request to measure the Ring Latency has been
made when the next early token is captured
2 After this station wins the Claim Process before the token
is issued
3 After a frame has been transmitted with the STRIP option
before the token for that service opportunity is issued
Void frames are also detected by the Ring Engine A Void
frame with a Source Address other than MSA or MLA is
considered an Other
Void frame
Claim Frames
Claim frames are generated continuously with minimum pre-
amble while the Ring Engine is in the Transmit Claim state
The format of Claim frames generated by the Ring Engine is
shown in Table 4-7 When long addressing is enabled
frames with the long address are transmitted otherwise
frames with the short address are transmitted
The Ring Engine detects reception of valid Claim frames A
comparison is performed between the (first) four bytes of
the received INFO field and TREQ in order to distinguish
Higher
Claim Lower
Claim and My
Claim Details are
given in Appendix A
TABLE 4-6 Void Frames
Type
Enable
Size
SFS
FC
DA
SA
FCS
EFS
Void
ESA
Short
PA
SD
00
Null
MSA
FCS
TRRR
Void
Not ESA
Long
PA
SD
40
Null
MLA
FCS
TRRR
My
Void
ESA
Short
PA
SD
00
MSA
MSA
FCS
TRRR
My
Void
Not ESA
Long
PA
SD
40
MLA
MLA
FCS
TRRR
TABLE 4-7 Claim Frames
Type
Enable
Size
SFS
FC
DA
SA
INFO
FCS
EFS
My
Claim
Not ELA
Short
PA
SD
83
MSA
MSA
TREQ
FCS
TRRR
My
Claim
ELA
Long
PA
SD
C3
MLA
MLA
TREQ
FCS
TRRR
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com