Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 76Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 80Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 81Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 82Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 83Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 132 page
background image
70 Signal Descriptions (Continued)
7324 Termination Event
The terminating event for all PDUs is provided in the PDU Status signals
When a token is terminated by a valid Ending Delimiter (TT symbol pair) the TKRCVD signal is asserted When a frame is
terminated by a valid Ending Delimiter the EDRCVD is asserted and remains asserted until all frame status has been passed to
the MA
Indicate Interface Every PDU is terminated by one of the following
1 A valid Ending Delimiter (TKRCVD or EDRCVD)
2 An IDLE symbol indicating that the frame was stripped by another station (FRSTRP)
3 A symbol other than data Idle or an Ending Delimiter indicating that a Format Error occurred (FOERROR)
4 A MAC Reset (MACRST)
Symbol
Pin
IO
Description
TKRCVD
69
O
Token Received
Indicates that the Ending Delimiter for a valid token is being received
EDRCVD
66
O
Ending Delimiter Received
Indicates that the Ending Delimiter for a frame is being received The
values of the received Status Indicators are available through the MID byte stream on this and
subsequent cycles while this signal is asserted
FRSTRP
71
O
Frame Stripped
Indicates that an Idle symbol was received while expecting part of a PDU This
usually indicates that the PDU was stripped by an upstream station This signal may be asserted
anytime during reception of a frame after RCSTART is asserted
FOERROR
70
O
Format Error
Indicates that a Format Error (non-DATA IDLE or Ending Delimiter Symbol) was
detected This signal may be asserted anytime during reception of a frame including with RCSTART
for the next frame
MACRST
72
O
MAC Reset
Indicates that a MAC Reset has been issued This signal is asserted as a result of a
software or hardware reset or internal errors This signal is asserted whenever bit MCRST of the
Function Register is set This signal may be asserted anytime
7325 Termination Status
When a valid Ending delimiter is received after a valid starting delimiter the termination status signals provided the results of the
Frame validity check and the Frame Check Sequence Check
The received values of the control indicators are presented in the data stream while EDRCVD is asserted
Symbol
Pin
IO
Description
VDL
68
O
Valid Data Length
Indicates that a frame meeting the minimum length requirements of the Standard
and of an even number of symbols was received This signal is valid with EDRCVD
VFCS
67
O
Valid Frame Check Sequence
Indicates that a frame with the standard CRC was received This signal
is valid with EDRCVD
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com