Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 19Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 20Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 21Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 22Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 23Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 24Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 25Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 26Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 132 page
background image
60 Control Information
The Control Information includes Operation Event Status
and Parameter Registers that are used to manage and op-
erate the Ring Engine A processor on the external Control
Bus gains access to read and write these parameters via
the Control Interface
The Control Information Address Space is divided into 4
groups as shown in Table 6-1 An information summary is
given for each group (see Tables 6-2 through 6-5) followed
by a detailed description of all registers
61 CONVENTIONS
When referring to multi-byte fields byte 0 is always the most
significant byte When referring to bits within a byte bit (7) is
the most significant bit and bit (0) is the least significant bit
When referring to the contents of a byte the most signficant
bit is always referred to first
When referring to a bit within a byte the notation
register
namebit
name is used For example ModeRUN
references the RUN bit in the Mode Register
62 ACCESS RULES
All parameters are accessible in Diagnose Mode Reserved
address space is not accessible in any mode Certain Status
and Parameter Registers are not accessible while in Run
mode
All Control Interface accesses are checked against the cur-
rent operational mode to determine if the register is current-
ly accessible If not currently accessible the Control Bus
Interface access is rejected (and reported in an Event Reg-
ister) This means that all Control Bus Interface accesses
complete in a deterministic amount of time
The Exceptional Status Register can be checked to verify
that the operation terminated normally
TABLE 6-1 Control Information Address Space
Address Range
Description
Read Conditions
Write Conditions
00 – 07
Operation Registers
Always (Note 2)
Always (Note 2)
08 – 2F
Event Registers
Always (Note 2)
Always (Cond) (Note 2)
30 – 3F
Reserved
NA
NA
40 – 7F
MAC Parameters
Stop Mode
Stop Mode
(Notes 1 3)
(Notes 1 3)
80 – BF
CountersTimers
Always
Stop Mode
(Note 1)
C0 – FF
Reserved
NA
NA
Note 1
An attempt to access a currently inaccessible location because of the current mode or because it is in a reserved address space will cause a command
error (bit CCE of the Exception Status Register is set to One)
Note 2
Read and write accesses to reserved location within the Operation and Event Address ranges cause a command error (bit CCE of the Exception Status
Register is set to One)
Note 3
The MAC Parameter RAM is also accessible when conditions a b and c are true Otherwise accesses will cause a command error (ESRCEE set to One)
and the access will not be performed
a The MAC Transmitter is in states T0 T1 or T3
b Bits ITC and IRR of the Option Register are set to One
c Bits CLM and BCN of the Function Register are not set to One
TABLE 6-2 Operation Registers
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Read
Write
0
Mode
DIAG
ILB
RES
RES
PIP
MRP
CBP
RUN
Always
Always
1
Option
ITC
EMIND
IFCS
IRPT
IRR
ITR
ELA
ESA
Always
Always
2
Function
RES
RES
RES
CLM
BCN
MCRST
RES
MARST
Always
Always
3 – 6
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
7
Revision
REV(7 – 0)
Always
Always
Note
Attempts to access reserved locations will result in Command Rejects (ESRCCE set to ONE)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com