Electronic Components Datasheet Search
  English  ▼

X  

DP83261AVF Datasheet(PDF) 81 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261AVF
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 81 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 80Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 81Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 82Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 83Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 84Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 85Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 132 page
background image
70 Signal Descriptions (Continued)
7326 External Flags
The External Flags provide input to the Ring Engine in order to set the A and C indicators or in order to initiate stripping based on
external logic
Symbol
Pin
IO
Description
EA
38
I
External A
Flag
Indicates that an external address match occurred The value of EA is used to alter
the values of the transmitted A and C Indicators (Ax and Cx) EA must be valid one byte time before
EDRCVD is asserted When the EMIND bit in the Option Register is set the A Indicator is repeated as set
(S symbol) and either the Copied or Not Copied Frame Counter is incremented depending on the value of
VCOPY
EM
39
I
External M
Flag
Indicates that the current frame should be stripped Three byte times after the EM
signal is asserted the Ring Engine begins to source Idle symbols and the frame is stripped
VCOPY
85
I
Valid Copy
Indicates that the C Indicator (Cx) should be repeated as an S symbol for received frames
when VCOPY is asserted the received frame is not an SMT NSA frame received with the A indicator as
Set and
1 the internal A
flag is set or
2 OptionEMINDe1 and the external A
flag (EA) is set
See Section 55 for a complete description of the setting of the control indicators
VCOPY must be valid one byte time before EDRCVD is asserted and remain asserted until EDRCVD is
asserted
The sampled value of VCOPY with EDRCVD also affects the incrementing of the frame copied and frame
not copied counters See the description of the event counters for more information
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com